Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF16200C Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRF16200C
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF16200C Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRF16200C Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF16200C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SRF1620C THRU SRF16100C
CURRENT
16.0 Ampere
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
FORWARD CHARACTERSTIC
CASE TEMPERATRUE ()
REVERSE VOLTAGE VOLTS
FIG.3-TYPICAL INSTANTANEOUS
FIG.4-MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG.5-TYPICAL JUNCTION
REVERSE VOLTAGE,VOLTS
INSTANTANEOUS FORWART VOLTAGE,VOLTS
CAPACITANCE
20,30,40V
80,100V
50,60V
T =25℃
Pulse Width=200μs
j
8.3ms Single Half Sine-Wave
JEDEC Method
J
T =25℃
T =100℃
C
T =75℃
C
T =25℃
C
0
150
50
100
40
20
10
8
6
4
2
1.0
0.8
0.6
0.1
0.2
0.4
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
150
130
110
90
70
50
30
20
0
12
5
10
20
50
100
400
350
300
250
200
150
1
2
5
10
20
50
100
200
500
100
10
1.0
0.1
0.01
0
100
120
200
300
RATING AND CHRACTERISTIC CURVES SRF1620C THRU SRF16100C
20
16
12
8.0
4.0
0


Similar Part No. - SRF16200C

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SRF16200CT GWSEMI-SRF16200CT Datasheet
72Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SRF16200CT GXELECTRONICS-SRF16200CT Datasheet
348Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SRF16200CT SAMYANG-SRF16200CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SRF16200CT SUNMATE-SRF16200CT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF16200CT-16A-ITO-220AB DGNJDZ-SRF16200CT-16A-ITO-220AB Datasheet
113Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF16200C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com