Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPFC4CW08 Datasheet(PDF) 5 Page - MRV Communications, Inc.

Part # SFPFC4CW08
Description  4.25 Gbps Fibre Channel CWDM SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFPFC4CW08 Datasheet(HTML) 5 Page - MRV Communications, Inc.

  SFPFC4CW08 Datasheet HTML 1Page - MRV Communications, Inc. SFPFC4CW08 Datasheet HTML 2Page - MRV Communications, Inc. SFPFC4CW08 Datasheet HTML 3Page - MRV Communications, Inc. SFPFC4CW08 Datasheet HTML 4Page - MRV Communications, Inc. SFPFC4CW08 Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Pluggables
-
MRV-OP-SFPFC4CW-012808
3020004-001 Rev. A2
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
Units in mm(inch)
Outline Drawing
Warnings
Handling Precautions: This device is susceptible to damage as a result of electrostatic descharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indeirect radiation.
RoHS directive; China RoHS; USA and Canada UL listing; 21CFR 1040.10, MSA SFF-8074i; SFF-8472; Telecordia GR-468;
Regulatory and Industry Compliances


Similar Part No. - SFPFC4CW08

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFPFC401 MRV-SFPFC401 Datasheet
100Kb / 4P
   4.25 Gbps Fibre Channel SFP Transceiver
SFPFC4DW01 MRV-SFPFC4DW01 Datasheet
130Kb / 5P
   4.25 Gbps Fibre Channel DWDM SFP Transceiver
SFPFC4DW04 MRV-SFPFC4DW04 Datasheet
130Kb / 5P
   4.25 Gbps Fibre Channel DWDM SFP Transceiver
SFPFC4DW08 MRV-SFPFC4DW08 Datasheet
130Kb / 5P
   4.25 Gbps Fibre Channel DWDM SFP Transceiver
More results

Similar Description - SFPFC4CW08

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFPFC401 MRV-SFPFC401 Datasheet
100Kb / 4P
   4.25 Gbps Fibre Channel SFP Transceiver
SFPFC4DW08 MRV-SFPFC4DW08 Datasheet
130Kb / 5P
   4.25 Gbps Fibre Channel DWDM SFP Transceiver
logo
Optoway Technology Inc
SPS-8360-CXX0G OPTOWAY-SPS-8360-CXX0G Datasheet
147Kb / 4P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340-CXX0G OPTOWAY-SPS-8340-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
Optoway Technology Inc
SPS-8380-CXX0G OPTOWAY-SPS-8380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8360-CXX0G OPTOWAY-SPS-8360-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340-CXX0G OPTOWAY-SPS-8340-CXX0G Datasheet
147Kb / 4P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380-CXX0G OPTOWAY-SPS-8380-CXX0G Datasheet
147Kb / 4P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
SPC-4F-04-27CDA SOURCE-SPC-4F-04-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com