Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT827PWE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ABT827PWE4
Description  10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT827PWE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ABT827PWE4 Datasheet HTML 4Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 5Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 6Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 7Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 8Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 9Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 10Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 11Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MECHANICAL DATA
MCER004A – JANUARY 1995 – REVISED JANUARY 1997
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
JT (R-GDIP-T**)
CERAMIC DUAL-IN-LINE
24 LEADS SHOWN
4040110/C 08/96
B
0.200 (5,08) MAX
0.320 (8,13)
0.290 (7,37)
0.130 (3,30) MIN
0.008 (0,20)
0.014 (0,36)
Seating Plane
13
12
0.030 (0,76)
0.070 (1,78)
0.015 (0,38) MIN
A
24
1
0.100 (2,54) MAX
0.023 (0,58)
0.015 (0,38)
0.100 (2,54)
0
°–15°
1.440
(37,08)
1.460
0.285
(7,39)
0.291
(36,58)
(7,24)
28
PINS **
1.280
1.240
0.300
0.245
(7,62)
DIM
B MAX
A MAX
A MIN
B MIN
(6,22)
24
(32,51)
(31,50)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification.
E. Falls within MIL STD 1835 GDIP3-T24, GDIP4-T28, and JEDEC MO-058 AA, MO-058 AB


Similar Part No. - SN74ABT827PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT827PW TI1-SN74ABT827PW Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827PWG4 TI1-SN74ABT827PWG4 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827PWLE TI1-SN74ABT827PWLE Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827PWR TI1-SN74ABT827PWR Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT827PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI1-SN54ABT2827_15 Datasheet
526Kb / 12P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com