Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPFC4DW01 Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # SFPFC4DW01
Description  4.25 Gbps Fibre Channel DWDM SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFPFC4DW01 Datasheet(HTML) 4 Page - MRV Communications, Inc.

  SFPFC4DW01 Datasheet HTML 1Page - MRV Communications, Inc. SFPFC4DW01 Datasheet HTML 2Page - MRV Communications, Inc. SFPFC4DW01 Datasheet HTML 3Page - MRV Communications, Inc. SFPFC4DW01 Datasheet HTML 4Page - MRV Communications, Inc. SFPFC4DW01 Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pluggables
sales@mrv.com
Pin
Function
Notes
1
VeeT
TX Ground
2
TX_FAULT/INT
Open Collector
3
TX_DISABLE
Internally Pulled High
4
MOD_DEF2
Serial Data Input
5
MOD_DEF1
Serial Clock Input
6
MOD_DEF0
Internally Grounded
7
NC
Not Connected
8
LOS
Open Collector
9
VeeR
RX Ground
10
VeeR
RX Ground
11
VeeR
RX Ground
12
RXD-
RX Data Negative
13
RXD+
RX Data Positive
14
VeeR
RX Ground
15
VccR
RX Power
16
VccT
TX Power
17
VeeT
TX Ground
18
TXD+
TX Data Positive
19
TXD-
TX Data Negative
20
VeeT
TX Ground
Diagnostics
Parameter
Range
Accuracy
Unit
Temperature
-40 to 102
± 3
°C
Voltage
0 to Vcc
0.1
V
Bias Current
0 to 120
5
mA
TX Power
0 to 4
±2
dBm
RX Power: SFPFC4DW08-xx
-24 to -6
±2
dBm
SFPFC4DW04-xx
-24 to -6
±2
dBm
SFPFC4DW01-xx
-18 to -6
±2
dBm
TEC Current
-1200 to 1200
±60
mA
TEC Temperatureg
20 to 70
±0.25
°C
g) Relative accuracy. Absolute accuracy is +/-3°C
4


Similar Part No. - SFPFC4DW01

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFPFC401 MRV-SFPFC401 Datasheet
100Kb / 4P
   4.25 Gbps Fibre Channel SFP Transceiver
SFPFC4CW01 MRV-SFPFC4CW01 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
SFPFC4CW04 MRV-SFPFC4CW04 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
SFPFC4CW08 MRV-SFPFC4CW08 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
More results

Similar Description - SFPFC4DW01

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFPFC401 MRV-SFPFC401 Datasheet
100Kb / 4P
   4.25 Gbps Fibre Channel SFP Transceiver
SFPFC4CW08 MRV-SFPFC4CW08 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
logo
Optoway Technology Inc
SPB-8910LG_2015 OPTOWAY-SPB-8910LG_2015 Datasheet
151Kb / 6P
   4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8705LG OPTOWAY-SPB-8705LG_15 Datasheet
151Kb / 6P
   4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8720LG OPTOWAY-SPB-8720LG_15 Datasheet
151Kb / 6P
   4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPS-8340 OPTOWAY-SPS-8340_15 Datasheet
152Kb / 5P
   4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340G OPTOWAY-SPS-8340G_15 Datasheet
148Kb / 5P
   4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380-CXX0G OPTOWAY-SPS-8380-CXX0G_15 Datasheet
152Kb / 5P
   4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com