Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-GD-LX Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # SFP-GD-LX
Description  Gigabit Ethernet and Fibre Channel SFPs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-GD-LX Datasheet(HTML) 1 Page - MRV Communications, Inc.

  SFP-GD-LX Datasheet HTML 1Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
OP
Datasheet
Pluggables
1398008-001 Rev. A
MRV-OP-SFPGFC-120706
Copyright ©2006 MRV Communications, Inc. All Rights Reserved.
Small Form-Factor Pluggable (SFP) interfaces from MRV Communications provide flexible high speed links in a small industry standard
package. They deliver the deployment options and inventory control that network administrators demand for growing networks.
SFPs are designed to Multi-Source Agreement (MSA) standards to ensure network equipment compatibility. They are a perfect addition
to the MRV Communications line of Fiber Driver® pluggable media modules and chassis, and they compliment the OptiSwitch® line
of routers and switches. With other MRV modular products, they define the ultimate in managed fiber optic networks.
Visit the MRV website at www.mrv.com or contact your nearest authorized MRV Communications dealer for more information.
Overview
Gigabit Ethernet and Fibre Channel SFPs
Ordering Information
Min
Max
SFP-G-MMX
SFP Multi-mode
Extender
GbE/FC
1310
-9
-3
-22
DL*
-3
3.3
0 to 70
No
0 - 2
SFP-G-LX
SFP
Single-mode
GbE/FC
1310
-9
-3
-22
13
-3
3.3
0 to 70
No
0 - 25
SFP-GD-LX
SFP
Single-mode
GbE/FC
1310
-9
-3
-22
13
-3
3.3
0 to 70
Yes
0 - 25
SFP-GD-ELX
SFP
Single-mode
GbE/FC
1310
-7
0
-24
15
-3
3.3
0 to 70
Yes
6 - 30
SFP-GD-XD
SFP
Single-mode
GbE/FC
1550
-5
0
-24
17
-3
3.3
0 to 70
Yes
12 - 70
SFP-GD-ZX
SFP
Single-mode
GbE/FC
1550
0
5
-24
22
-3
3.3
0 to 70
Yes
35 - 88
SFP-GD-EZX
SFP
Single-mode
GbE/FC
1550
0
5
-32
30
-6
3.3
0 to 70
Yes
44 - 120
Features
Support for Gigabit Ethernet and Gigabit Fibre Channel
Digital Diagnostic SFF-8472 compliance
SFP MSA SFF-8074i compliance
Low jitter of < 200 ps
Bit Error Rate (BER) of < 10-10
Hot plug-in support
Low EMI metal enclosure
Class 1 laser
RoHS compliance
21 CFR 1040.10 and 1040.11 compliance (may carry “UL”,
“TUV”, or “CSA” laboratory certifications
* DL - Dispersion Limited
** Dispersion penalty may apply
*** Maximum range quoted not possible with all wavelengths and/or fiber. Please consult MRV.


Similar Part No. - SFP-GD-LX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-GD-BD35 MRV-SFP-GD-BD35 Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD35TH MRV-SFP-GD-BD35TH Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD53 MRV-SFP-GD-BD53 Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD53TH MRV-SFP-GD-BD53TH Datasheet
88Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BX34 MRV-SFP-GD-BX34 Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
More results

Similar Description - SFP-GD-LX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com