Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ABT843W Datasheet(PDF) 4 Page - Texas Instruments

Part # SNJ54ABT843W
Description  9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ABT843W Datasheet(HTML) 4 Page - Texas Instruments

  SNJ54ABT843W Datasheet HTML 1Page - Texas Instruments SNJ54ABT843W Datasheet HTML 2Page - Texas Instruments SNJ54ABT843W Datasheet HTML 3Page - Texas Instruments SNJ54ABT843W Datasheet HTML 4Page - Texas Instruments SNJ54ABT843W Datasheet HTML 5Page - Texas Instruments SNJ54ABT843W Datasheet HTML 6Page - Texas Instruments SNJ54ABT843W Datasheet HTML 7Page - Texas Instruments SNJ54ABT843W Datasheet HTML 8Page - Texas Instruments SNJ54ABT843W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ABT843, SN74ABT843
9-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS197D – FEBRUARY 1991 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54ABT843
SN74ABT843
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
IOH
High-level output current
–24
–32
mA
IOL
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
5
5
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT843
SN74ABT843
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
10
10
10
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–10
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–140
–180
–50
–180
–50
–180
mA
V5 5 V I
O
Outputs high
1
250
250
250
µA
ICC
VCC = 5.5 V, IO = Open,
VI =VCC or GND
Outputs low
24
34
34
34
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
250
µA
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
4
pF
Co
VO = 2.5 V or 0.5 V
7
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Similar Part No. - SNJ54ABT843W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ABT843JT TI1-SNJ54ABT843JT Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ABT843W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS844 TI-SN74AS844 Datasheet
354Kb / 7P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com