Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF50S-101-K Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CF50S-101-K
Description  CARBON FILM RESISTORS, 1/8 to 3 WATT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CF50S-101-K Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CF50S-101-K Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s lowest cost and widest selection!
Delivery from stock in bulk or tape/reel
Excellent long-term stability, exceeds MIL-R-11
Mini 1/4W, 1/2W, 1W models
Standard tolerance: ±5% up to 10M (±2%, ±10% avail.)
Flameproof coating available (Series CFF)
Available on axial or vertical Tape & Reel
Available with axial or vertical cut & formed leads
CARBON FILM RESISTORS, 1/8 to 3 WATT
Widest range in the industry!
RCD Series CF resistors are designed for general purpose
applications. Multilayer coating and color band markings are
resistant to industrial solvents and humidity. New miniature sizes
enable significant space savings due to optimization of thermally
conductive materials. CF22 is 1/4W in 1/8W size and is designed
for mounting spans as small as 0.200” [5mm]. CF50A is 1/2W in
1/4W size, CF100S is 1W in 1/2W size. Manufactured in Far East.
CF SERIES
FA004C Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
TYPICAL PERFORMANCE
SPECIFICATIONS
DIMENSIONS Inch [mm]
Mini ¼W
Mini ½W
Mini 1W
* Lead length is for bulk packaged parts, taped parts may be shorter. Non-standard lengths and
cut & formed leads available)
-55
20
40
60 70
80
100
120
140
160
DERATING: W and V to be derated per graph A when ambient
temp exceeds 70°C (40°C for CF100S & CF300 per graph B).
100
75
50
25
0
AMBIENT TEMPERATURE (° C)
155
A
B
*Max working voltage determined by E= PR, E not to exceed value listed in column above.
** CF25 available up to 100 Meg
Ω in 10% tolerance.
TEMPERATURE COEFFICIENT (Typ.)
10
100
1K
10K
100K
1M
10M
NOMINAL RESISTANCE (Ohms)
-
1000
-750
-500
-250
0
10
100
1K
10K
100K
1M
10M
CURRENT NOISE (Typ.)
+20
0
-20
-40
-60
NOMINAL RESISTANCE (Ohms)
D
L
H
d
E
P
Y
T]
8
.
[
2
3
0
.
±
L]
5
.
[
0
2
0
.
±
D]
8
0
.
[
3
0
0
.
±
d*
)
N
I
M
(
He
z
i
S
l
e
e
R
2
1
F
C]
7
.
3
[
5
4
1
.]
5
.
1
[
2
6
0
.]
5
.
[
0
2
0
.]
5
2
[
0
.
10
0
0
5
2
2
F
C]
4
.
3
[
4
3
1
.]
7
.
1
[
7
6
0
.]
5
.
[
0
2
0
.]
5
2
[
0
.
10
0
0
5
5
2
F
C]
4
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.]
5
2
[
0
.
10
0
0
5
S
0
5
F
C]
0
.
9
[
4
5
3
.]
2
.
3
[
5
2
1
.]
3
6
.
[
5
2
0
.]
5
2
[
0
.
10
0
0
4
A
0
5
F
C]
4
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.]
5
2
[
0
.
10
0
0
5
S
0
0
1
F
C]
0
.
9
[
4
5
3
.]
7
.
3
[
8
4
1
.]
7
.
[
8
2
0
.]
5
2
[
0
.
10
0
5
2
0
0
1
F
C
5
0
.
±
0
7
4
.
]
3
.
1
±
9
.
1
1
[
2
3
0
.
±
0
8
1
.
]
8
.
±
6
.
4
[
]
8
.
[
1
3
0
.]
5
2
[
0
.
10
0
0
2
S
0
0
2
F
C
8
0
.
±
3
6
.
]
0
.
2
±
0
.
6
1
[
5
0
.
±
0
1
2
.
]
3
.
1
±
3
.
5
[
]
8
.
[
1
3
0
.]
7
2
[
6
0
.
10
0
0
1
0
0
3
F
C
8
0
.
±
1
7
.
]
0
.
2
±
0
.
8
1
[
5
0
.
±
0
5
2
.
]
3
.
1
±
4
.
6
[
]
8
.
[
1
3
0
.]
2
3
[
5
2
.
10
0
0
1
.
x
a
M.
x
a
M
e
c
n
a
t
s
i
s
e
Re
g
n
a
R
E
P
Y
T
e
g
a
t
t
a
W
g
n
i
k
r
o
W
*
e
g
a
t
l
o
V
d
a
o
l
r
e
v
O
e
g
a
t
l
o
V
)
G
(
%
2
±)
J
(
%
5
±
2
1
F
CW
8
/
1V
0
0
2V
0
0
40
1
K
0
2
2
-1
M
0
1
-
2
2
F
CW
4
/
1V
0
5
2V
0
0
50
1
Ω M
1
-1
M
0
1
-
5
2
F
CW
4
/
1V
0
5
2V
0
0
50
1
Ω M
1
-1
*
*
M
2
2
-
A
0
5
F
C
S
0
5
F
C
W
2
/
1V
0
5
3V
0
0
70
1
Ω M
1
-1
M
0
1
-
S
0
0
1
F
CW
1V
0
0
4V
0
0
80
1
Ω M
1
-1
M
0
1
-
0
0
1
F
CW
1V
0
0
5V
0
0
0
10
1
Ω M
1
-1
M
0
1
-
S
0
0
2
F
CW
2V
0
0
6V
0
0
1
10
1
Ω M
1
-1
M
0
1
-
0
0
3
F
CW
3V
0
5
6V
0
0
2
10
1
Ω M
1
-1
M
0
1
-
s
r
u
o
h
0
0
0
1
e
f
i
L
d
a
o
Li
n
i
m
%
2
±
,
d
t
s
%
1
±
)
r
a
e
y
1
(
C
°
5
2
t
a
e
f
i
L
f
l
e
h
S%
0
.
1
±
r
e
d
l
o
S
f
o
t
c
e
f
f
E%
3
.
0
±
:
s
i
s
e
R
e
r
u
t
s
i
o
M
)
d
r
a
d
n
a
t
s
(
F
C
F
C(
F:
s
i
s
e
R
e
r
u
t
s
i
o
M
)
f
o
o
r
p
e
m
a
lf
K
0
0
1
>
%
3
±
,
K
0
0
1
<
%
2
±
K
0
0
1
>
%
5
±
,
K
0
0
1
<
%
3
±
d
a
o
l
r
e
v
O
e
m
i
T
-
t
r
o
h
Si
n
i
m
%
1
±
,
d
t
s
%
5
.
0
±
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
2
.
0
±
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
T%
2
.
0
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
0
±
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
In
i
M
s
m
h
o
g
e
M
0
0
0
,
0
1
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
Vt
l
o
V
/
M
P
P
0
1
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
2
2
F
C
&
2
1
F
C
V
0
0
3
(
V
0
0
5
RESISTORS CAPACITORS COILS DELAY LINES
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is
acceptable, in which case RCD will select based on lowest price
and quickest delivery)
P/N DESIGNATION:
Tolerance: G= 2%, J= 5%(std up to 10M), K=10%(std
≥ 10M)
Packaging: B=Bulk, T=Tape&Reel, A=Ammo Pack (Tape &
Box), TAV = Avisert T&R, TPN = Panasert T&R, C=cut reel
3-Digit Resis. Code: 2 signif. digits & multiplier
(1R0=1
Ω, 100= 10Ω, 101=100Ω, 102=1KΩ, 103=10K,
104=100K, 105=1M, 106=10M, 107=100M)
CF50S - 102 - J
T
W
RCD Type: CF (std) or CFF (flameproof)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
66
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - CF50S-101-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF50 ETC2-CF50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
   EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Similar Description - CF50S-101-K

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
   HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
   COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
BW1F-R100JBW RCD-BW1F-R100JBW Datasheet
67Kb / 1P
   FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
   ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com