Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH182646AHV Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54ABTH182646AHV
Description  SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH182646AHV Datasheet(HTML) 2 Page - Texas Instruments

  SN54ABTH182646AHV Datasheet HTML 1Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 2Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 3Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 4Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 5Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 6Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 7Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 8Page - Texas Instruments SN54ABTH182646AHV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
SN54ABTH18646A, SN54ABTH182646A, SN74ABTH18646A, SN74ABTH182646A
SCAN TEST DEVICES WITH
18-BIT TRANSCEIVERS AND REGISTERS
SCBS166D – AUGUST 1993 – REVISED JULY 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
18 19
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52
17
51 50 49
30 31 32
1A3
1A4
1A5
GND
1A6
1A7
1A8
1A9
VCC
2A1
2A2
2A3
GND
2A4
2A5
2A6
1B4
1B5
1B6
GND
1B7
1B8
1B9
VCC
2B1
2B2
2B3
2B4
GND
2B5
2B6
2B7
SN74ABTH18646A, SN74ABTH182646A . . . PM PACKAGE
(TOP VIEW)
description
The ’ABTH18646A and ’ABTH182646A scan test devices with 18-bit bus transceivers and registers are
members of the Texas Instruments SCOPE
™ testability integrated-circuit family. This family of devices supports
IEEE Standard 1149.1-1990 boundary scan to facilitate testing of complex circuit-board assemblies. Scan
access to the test circuitry is accomplished via the 4-wire test access port (TAP) interface.
In the normal mode, these devices are 18-bit bus transceivers and registers that allow for multiplexed
transmission of data directly from the input bus or from the internal registers. They can be used either as two
9-bit transceivers or one 18-bit transceiver. The test circuitry can be activated by the TAP to take snapshot
samples of the data appearing at the device pins or to perform a self test on the boundary-test cells. Activating
the TAP in the normal mode does not affect the functional operation of the SCOPE
™ bus transceivers and
registers.
Transceiver function is controlled by output-enable (OE) and direction (DIR) inputs. When OE is low, the
transceiver is active and operates in the A-to-B direction when DIR is high or in the B-to-A direction when DIR
is low. When OE is high, both the A and B outputs are in the high-impedance state, effectively isolating both
buses.
Data flow is controlled by clock (CLKAB and CLKBA) and select (SAB and SBA) inputs. Data on the A bus is
clocked into the associated registers on the low-to-high transition of CLKAB. When SAB is low, real-time A data
is selected for presentation to the B bus (transparent mode). When SAB is high, stored A data is selected for
presentation to the B bus (registered mode). The function of the CLKBA and SBA inputs mirrors that of CLKAB
and SAB, respectively. Figure 1 shows the four fundamental bus-management functions that are performed with
the ’ABTH18646A and ’ABTH182646A.


Similar Part No. - SN54ABTH182646AHV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH182646A TI1-SN54ABTH182646A Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
More results

Similar Description - SN54ABTH182646AHV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18646 TI-SN54ABT18646 Datasheet
414Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18652A TI-SN54LVTH18652A Datasheet
606Kb / 10P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18646A TI-SN54LVTH18646A Datasheet
551Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652_07 Datasheet
682Kb / 33P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com