Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH182652AHV Datasheet(PDF) 11 Page - Texas Instruments

Part # SN54ABTH182652AHV
Description  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH182652AHV Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54ABTH182652AHV Datasheet HTML 7Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 8Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 9Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 10Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 11Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 12Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 13Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 14Page - Texas Instruments SN54ABTH182652AHV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
SN54ABTH18652A, SN54ABTH182652A, SN74ABTH18652A, SN74ABTH182652A
SCAN TEST DEVICES WITH
18-BIT BUS TRANSCEIVERS AND REGISTERS
SCBS167D – AUGUST 1993 – REVISED JULY 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 48 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and one BSC for each normal-function I/O pin (one single cell for both input data and
output data). The BSR is used 1) to store test data that is to be applied externally to the device output pins,
and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at
the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, BSCs 47 – 46 are reset to logic 0, while BSCs 45 – 44 are reset to logic 1, ensuring that these
cells, which control A-port and B-port outputs, are set to benign values (i.e., if test mode were invoked, the
outputs would be at high-impedance state). Reset values of other BSCs should be considered indeterminate.
The BSR order of scan is from TDI through bits 47 – 0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
47
2OEAB
35
2A9-I/O
17
2B9-I/O
46
1OEAB
34
2A8-I/O
16
2B8-I/O
45
2OEBA
33
2A7-I/O
15
2B7-I/O
44
1OEBA
32
2A6-I/O
14
2B6-I/O
43
2CLKAB
31
2A5-I/O
13
2B5-I/O
42
1CLKAB
30
2A4-I/O
12
2B4-I/O
41
2CLKBA
29
2A3-I/O
11
2B3-I/O
40
1CLKBA
28
2A2-I/O
10
2B2-I/O
39
2SAB
27
2A1-I/O
9
2B1-I/O
38
1SAB
26
1A9-I/O
8
1B9-I/O
37
2SBA
25
1A8-I/O
7
1B8-I/O
36
1SBA
24
1A7-I/O
6
1B7-I/O
––
––
23
1A6-I/O
5
1B6-I/O
––
––
22
1A5-I/O
4
1B5-I/O
––
––
21
1A4-I/O
3
1B4-I/O
––
––
20
1A3-I/O
2
1B3-I/O
––
––
19
1A2-I/O
1
1B2-I/O
––
––
18
1A1-I/O
0
1B1-I/O


Similar Part No. - SN54ABTH182652AHV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH182652A TI1-SN54ABTH182652A Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
More results

Similar Description - SN54ABTH182652AHV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI-SN54ABTH18646A Datasheet
559Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT8652 TI-SN54ABT8652_07 Datasheet
682Kb / 33P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com