Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-20PC-4-DC1-PGL-L-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ACA-20PC-4-DC1-PGL-L-C
Description  Digital, LED-Display AC Ammeters with Built-in Current Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20PC-4-DC1-PGL-L-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ACA-20PC-4-DC1-PGL-L-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20PC-4-DC1-PGL-L-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20PC-4-DC1-PGL-L-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20PC-4-DC1-PGL-L-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20PC-4-DC1-PGL-L-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACA-20PC-4-DC1-PGL-L-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The ACA-20PC-1-AC1-RL and ACA-20PC-2-AC1-RL have 4-position on-board
terminal blocks. All other models have 2-position terminal blocks.
Specified full-scale currents are those passing through the built-in CT's
primary(load) circuit, over the frequency of 45-450Hz. The Overcurrent Rating
is a continuous rating that applies to the measured ac load current. It does
not apply to any circuitry external to the meter. Accuracy is guaranteed to the
rated current.
For the ACA-20PC-2-AC1-RL, if the load is connected to the meter's on-board
4-position terminal block, the 20A full scale range requires 12AWG solid
copper wire on all connections. If 14AWG solid copper wire is used, the current
should be limited to 15A. See Figure 3.
All specified maximum power supply currents are steady-state values.
AC-powered models can draw higher surges at initial turn-on.
Maximum reverse polarity protection on "DC1" models is –40Vdc.
Full-Scale Current (45-450Hz)
Min.
Typ.
Max.
Units
ACA-20PC-1-XXX-XX
1.999
Amps
ACA-20PC-2-XXX-XX ➂
19.99
Amps
ACA-20PC-3-XXX-XX
50.0
Amps
ACA-20PC-4-XXX-XX
100.0
Amps
DMS-30798-C
30.0
Amps
Overcurrent Rating ➁
1.5 x rated full-scale current
Performance
Sampling Rate
2.5 reading per second
Accuracy ➁
±0.15%FS ±6 Counts
Measurement Type
Sine wave input, full-wave averaging, rms
calibrated
Temperature Drift (0 = +60°C)
±0.2
±0.4
Cnts/°C
Zero Reading (Vin = 0 Volts)
“–001”
“000”
“001”
Counts
Dielectric Withstanding Voltage
±0.4
±1
Vdc
Power Supply Voltage ➄
ACA-20PC-X-AC1-RL (47-99Hz)
85
120
264
Vac
ACA-20PC-X-DC1-RL
+4.75
+40
Vdc
Power Supply Current ➃
ACA-20PC-X-AC1-RL (47-99Hz)
30
50
mA
ACA-20PC-X-DC1-RL
+8
+12
mAdc
Power Supply Terminal Block
ACA-20PC-1-AC1-RL and ACA-20PC-2-AC1-RL
(2A and 20A ac-powered models with 4-position terminal blocks):
Wire Size and Type
12-20AWG (solid), 14-20AWG (stranded)
Insulation Strip Length
0.25 inches
Screw Tightening Torque
4.4 pounds/inches (0.5Nm)
Maximum Rated Current
20A with 12AWG solid wire; 15A with
14AWG solid or stranded wire
Maximum Rated Voltage
630V (VDE 0110-V. Group 2)
250V (VDE 0110-V Group 3)
ACA-20PC-X-XXX-XX
(All other ac or dc-powered models with 2-position terminal blocks):
Wire Size and Type
16-24AWG (solid or stranded)
Insulation Strip Length
0.25 inches
Screw Tightening Torque
3.6 pounds/inches (0.5Nm)
Display
Display Type and Size
3½ digit, 0.37"/9.4mm high LED
Overrange Indication
“1_ _ _“
Decimal Point
Fixed, model dependent
Physical/Environmental
Operating Temperature
0
+60
°C
Storage Temperature
–40
+75
°C
Humidity (non-condensing)
0
95
%
Physical/Environmental
Case Material
Polycarbonate
Dimensions
1.38”W x 0.88”H. Depth is model dependent
(see mechanical specification)
Weight:
ACA-20PC-1-XXX-XX
1.1 ounces (31 grams)
ACA-20PC-2-XXX-XX
1.1 ounces (31 grams)
ACA-20PC-3-XXX-XX
1.3 ounces (37 grams)
ACA-20PC-4-XXX-XX
1.5 ounces (43 grams)
DMS-30798-C
1.0 ounces (28 grams)
Performance/Functional Specifications
Typical at TA = +25°C, unless otherwise noted. ➀
ACA - 20PC - 1 - AC1 - RL - L - C
1 = 1.999A
2 = 19.99A
3 = 50.0A
4 = 100.0A
RL = Red Standard
BL = Blue Standard
PGL = Green Standard
AC1 = 85-264Vac@50/60Hz
DC1 = +5-40Vdc
DMS-30798-C: 30Amp model with a wire lead CT and “-AC1”
power supply specifications. See Mechanical section for dimensions.
Accessories: DMS-20-CP Panel cutout punch
A DMS-BZL4-C bezel assembly with sealing gasket is supplied with each ammeter.
Input Range:
LED Color:
Power Supply:
(45-450Hz)
Ordering Information
Leaded CT (100A model)
RoHS
 
For full details go to
www.murata-ps.com/rohs
ACA-20PC Series
Digital, LED-Display AC Ammeters with
Built-in Current Transformers
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_ACA_20PC.B05 Page 2 of 6


Similar Part No. - ACA-20PC-4-DC1-PGL-L-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20PC-4-AC1-RL-C MURATA-PS-ACA-20PC-4-AC1-RL-C Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Builtin Current Transformers
2022
ACA-20PC-4-AC1-RL-C MURATA-PS-ACA-20PC-4-AC1-RL-C Datasheet
1Mb / 6P
   True-RMS-AC Ammeters with Built-in CT
2022
More results

Similar Description - ACA-20PC-4-DC1-PGL-L-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
   5 Amp Input LED-Display AC Ammeters
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
logo
Extech Instruments Corp...
ML720 EXTECH-ML720 Datasheet
497Kb / 19P
   MultiLog Digital MultiMeter With built-in Datalogger
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com