Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-20RM-0-AC3-RL-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ACA-20RM-0-AC3-RL-C
Description  True-RMS-AC Ammeters with Built-in CT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20RM-0-AC3-RL-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ACA-20RM-0-AC3-RL-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20RM-0-AC3-RL-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20RM-0-AC3-RL-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20RM-0-AC3-RL-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20RM-0-AC3-RL-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPM_ACA-20RM_B02 Page 3 of 5
ACA-20RM Series
True-RMS-AC Ammeters with Built-in CT
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
WIRING DIAGRAMS
4. AC Supply Polarity and Grounding: The two supply inputs, TB1
‘A’ and ‘B’, on ACA-20RM ammeters are not polarity sensitive, that
is, they have no ‘AC LO’ or ‘AC HI’ designations. Also, ac-powered
ACA-20RM ammeters do not include or require a connection to earth/
chassis ground.
5. Connector Torque Ratings: Be sure to tighten TB1’s screw-terminals
to 3.6 pound-inches (0.4Nm). Proper tightening will ensure reliable
long-term operation.
6. Isolation: The on-board CT (L1) provides a minimum of 2000Vdc iso-
lation between the current-carrying load conductor passing through
its opening and the ammeter’s power source that’s connected to TB1.
Of course, this isolation rating applies only to applications where the
load wire does not connect directly or indirectly to TB1-A or TB1-B
(i.e., where two different ac supplies are involved).
7. Split-Core CT (Clamp-on) Models: 50A models feature a split-core
current transformer that can be clamped around a current-carrying
load conductor without having to disconnect or remove power from
the load’s power source. This live-connection capability can only
be used if the load’s power source is isolated (see technical note 6)
from the ammeter’s own power source that’s connected to TB1.
The ammeter’s ac power supply must always be denergized before
making connections to TB1. Refer to the ‘Panel Installation’ section of
this data sheet for additional information.
First pass and carefully dress one external load wire through L1, then
connect the AC supply and load wires to TB1 as shown. Ensure all wires
are stripped and properly tightened. For accurate operation, make only
Figure 2. Connections for pc-board mounted CT's
FROM AC SUPPLY
TB1
L1
TO AC LOAD
BACK VIEW
A
B
FUSED AC POWER
Figure 3. Connection for flying lead CT's
The calibration potentiometer has approximately ¾ of a turn of rotation;
do not force its adjustment screw past the end stops. Contact MPS if
additional information is required regarding calibration, setup, or any
other technical issue pertaining to ACA-20RM ac ammeters.
3. Wire Gauges and Fusing: Use only the wires specified under the
Functional Specifications Section when making connections to ACA-
20RM Series ammeters. All power supply and load wiring must be
adequately rated for the supply voltages and currents they will carry,
and they must comply with all code- or application-mandated require-
ments pertaining to the user’s installation.
The supply wires connected to ACA-20RM ammeters must be fused
in accordance with applicable regulatory codes. Also, wire insula-
tion should be stripped to within +/-10% of the stated dimensions;
wires should be inserted into TB1 such that the screw terminal does
not pinch their insulation. TB1 can only used for supplying power to
the meter’s internal circuitry; it must not be used to supply current to
external loads.
AC-powered models draw minimal steady-state supply currents (less
than 0.050A) and they can be fused according to the supply wire’s
maximum amperage rating. However, these models can draw higher
surge currents for brief periods (in the microsecond range) when power
is initially applied.
one pass with load wire through the on-board CT (only one primary turn).
For split-core CT models, make sure to fully engage the CT's Locking
mechanism
BACK VIEW
TO AC LOAD
A
B
FUSED AC POWER
FROM AC SUPPLY
TB1
L1


Similar Part No. - ACA-20RM-0-AC3-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-4-AC3-RL-ALM-C MURATA-PS-ACA-20RM-4-AC3-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC3-RL-ALM-C MURATA-PS-ACA-20RM-4-AC3-RL-ALM-C Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC4-RL-ALM-C MURATA-PS-ACA-20RM-4-AC4-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC4-RL-ALM-C MURATA-PS-ACA-20RM-4-AC4-RL-ALM-C Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-5-AC3-RL-ALM-C MURATA-PS-ACA-20RM-5-AC3-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
More results

Similar Description - ACA-20RM-0-AC3-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
DMS-20RM MURATA-PS-DMS-20RM Datasheet
190Kb / 4P
   True-rms ac Voltmeters with Isolated Inputs
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
   400Amp True RMS AC Clamp Meter
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
382035 EXTECH-382035 Datasheet
327Kb / 1P
   50A & 100A True RMS AC Harmonics/
382400 EXTECH-382400_15 Datasheet
238Kb / 1P
   Flexible True RMS AC Current Clamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com