Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-20RM-5-AC3-RL-ALM-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ACA-20RM-5-AC3-RL-ALM-C
Description  True-rms-AC Ammeters with Alarm Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20RM-5-AC3-RL-ALM-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ACA-20RM-5-AC3-RL-ALM-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20RM-5-AC3-RL-ALM-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20RM-5-AC3-RL-ALM-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20RM-5-AC3-RL-ALM-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20RM-5-AC3-RL-ALM-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MPM_ACA-20RM-ALM.A01 Page 2 of 5
ACA-20RM-ALM Series
True-rms-AC Ammeters with Alarm Function
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
TECHNICAL NOTES
IMPORTANT! To ensure safe and reliable operation, ACA-20RM-
ALM ammeters must be installed and serviced by qualified
technical personnel. Contact Murata Power Solutions if there is
any doubt regarding ammeter setup, installation, or operation.
1. Measurement Type: ACA-20RM-ALM ac ammeters employ a
true-rms input circuit to measure current flowing through L1. Stated
accuracy specifications are measured using a sine-wave current
at, or close to, the ammeter’s full-scale input range, at nominal line
frequency of 60Hz.
2. Calibration (Potentiometer R7): Periodic recalibration of ACA-
20RM-ALM ammeters is not required under normal, indoor operating
environments. If user calibration is necessary, it must be performed
by qualified technical personnel. Calibration is performed with poten-
tially lethal voltages applied to the ACA-20RM-ALM and its associated
wiring. A plastic, fully-insulated adjusting tool must be used to access
the calibration potentiometer R7 located on the back of the ammeter
(see ‘Mechanical Specifications’ section). Contact MPS if additional
information is required regarding calibration, setup, or any other
technical issue pertaining to ACA-20RM-ALM ammeters.
3. Overcurrent Alarm Setup and Adjustment (Potentiometer R3):
ACA-20RM-ALM ammeters feature a user-settable, overcurrent visual
alarm indication which can be used to alert operators that a load cir-
cuit breaker or fuse is approaching an overload condition. When the
load current sensed by L1 exceeds this preset level, the ammeter’s
LED display will flash from normal intensity to dim intensity at rate of
approximately 1.5 times per second.
As shown in Figure 3, the alarm circuit consists of jumper JP1, and
adjustment potentiometer R3. As shipped, R3 is factory set to trip
when the load current is approximately 24 Amps for 30A models, and
approximately 45 Amps for 50A models. When R3 is set to its maxi-
mum clockwise position, the alarm indication will not activate until the
load current flowing through L1 exceeds the maximum rating of the
ammeter, i.e., above 30.0A, or above 50.0A, depending on the model.
Performance/Functional Specifications
Typical at TA = +25°C, unless otherwise noted.
Specified full-scale currents are those passing through the ammeter’s built-in
current transformer’s primary load-circuit. See Notes 2 and 3 below for ad-
ditional model-specific information.
The overcurrent rating of 1.5 x the rated full-scale current is a continuous rating
and applies to the current passing through the built in current transformer only,
it does not apply to any external circuit-wiring or external loads. Accuracy is
guaranteed up to the rated current level.
Specified accuracy applies to inputs with crest factors (CF) up to 2.0, where CF
= Vpeak/Vrms. Crest factors of 2 to 5 introduce an additional error of ±3% of full
scale. Ammeters are calibrated with a near full-scale 60Hz sine-wave current
flowing through the ammeter’s built-in CT.
All specified maximum power supply currents are steady state; larger surge
currents can occur at initial application of line power.
Rated Full-Scale Current
Min.
Typ.
Max.
Units
ACA-20RM-4-ACX-RL-ALM
50.0
Amperes
ACA-20RM-5-ACX-RL-ALM
30.0
Amperes
Overcurrent Rating
1.5 x Rated Full-Scale Current
Performance
Sampling Rate
2.5 Samples per second
Accuracy
±0.4%FS ±3 Counts with 60Hz
Sine-Wave Input
Measurement Type
rms Responding, Crest Factors of 1-5
Temperature Drift (0 to 60 °C)
±0.2
±0.4
Counts/ºC
Zero-Current Reading (within
30 sec.)
–001
000
001
Counts
Dielectric Withstanding Voltage
2000
Vdc
Power Supply Voltage
ACA-20RM-X-AC3-RL-ALM
85
120
140
Vac/47-63Hz
ACA-20RM-X-AC4-RL-ALM
170
220
264
Vac/47-63Hz
Power Supply Current
ACA-20RM-X-AC3-RL-ALM
30
50
mA/47-63Hz
ACA-20RM-X-AC4-RL-ALM
30
50
mA/47-63Hz
Alarm Function
Display indication
Flashing Display with actual current
reading and display intensity change
Settable range
ACA-20RM-4-ACX-RL-ALM
13
45
50
Amps
ACA-20RM-5-ACX-RL-ALM
8
24
30
Amps
Power Supply Terminal Block
Wire Size
16-22AWG, Solid or stranded
Insulation Strip Length
0.250 inches
Screw Tightening Torque
3.6 pounds-inches (0.4Nm)
Rated Voltage
310Vac
Display
Display Type and Size
3½ Digit Red LED, 0.37”/9.4mm High
Overrange Indication
“1___”
Decimal Point
Fixed, model dependent
(see full-scale input current)
Physical/Environmental
Operating Temperature
0
+60
°C
Storage Temperature
–40
+75
°C
Humidity (non-condensing)
0
85
%
Dimensions
Model dependent, see page 4 & 5
Weight
ACA-20RM-4-XXX-XX-ALM
1.5 Ounces (43 grams) nominal
ACA-20RM-5-XXX-XX-ALM
2.1 Ounces (60 grams) nominal
Ordering Information
ACA-20RM-4-AC3-RL-ALM-C
50.0A Range (split-core CT), 85-140Vac power
ACA-20RM-4-AC4-RL-ALM-C
50.0A Range (split core CT), 170-264Vac power
ACA-20RM-5-AC3-RL-ALM-C
30.0A Range, 85-140Vac power
ACA-20RM-5-AC4-RL-ALM-C
30.0A Range, 170-264Vac power


Similar Part No. - ACA-20RM-5-AC3-RL-ALM-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-5-AC3-RL-ALM-C MURATA-PS-ACA-20RM-5-AC3-RL-ALM-C Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
More results

Similar Description - ACA-20RM-5-AC3-RL-ALM-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
DMS-20RM MURATA-PS-DMS-20RM Datasheet
190Kb / 4P
   True-rms ac Voltmeters with Isolated Inputs
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
   400Amp True RMS AC Clamp Meter
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
382035 EXTECH-382035 Datasheet
327Kb / 1P
   50A & 100A True RMS AC Harmonics/
382400 EXTECH-382400_15 Datasheet
238Kb / 1P
   Flexible True RMS AC Current Clamp
MA620 EXTECH-MA620 Datasheet
296Kb / 12P
   600Amp AC True RMS Clamp Meter
EX622 EXTECH-EX622 Datasheet
452Kb / 15P
   400Amp True RMS AC Clamp Meter with IR Thermometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com