Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD150PS12 Datasheet(PDF) 1 Page - XP Power Limited

Part # AMD150PS12
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMD150PS12 Datasheet(HTML) 1 Page - XP Power Limited

  AMD150PS12 Datasheet HTML 1Page - XP Power Limited AMD150PS12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
150 Watts
Energy Star Level V
CEC2008 & EISA2007 Compliant
Universal Input
High Efficiency
0 °C to +70 °C Operating Temperature
Non-standard Connectors Available
International Safety Approvals
AMD150 Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 2.0 A rms at 115 VAC,
1.0 A rms at 230 VAC
Inrush Current
• 60 A at 115 VAC, 120 A at 230 VAC,
cold start +25 °C
Power Factor
• 0.95 typical
Earth Leakage Current
• 150 µA max at 115 VAC,
250 µA max at 230 VAC
No Load Input Power
• <0.5 W
Output
Output Voltage
• See table
Output Voltage Trim
• Not user-adjustable
Initial Set Accuracy
• ±2%
Minimum Load
• No minimum load required
Start Up Delay
• 5 s max at 100 VAC
Hold Up Time
• 3 ms minimum at 100 VAC
Line Regulation
• ±0.5% maximum
Load Regulation
• See table
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 2% max pk-pk (see note 1)
Overvoltage Protection • 110-140% Vnom, recycle input to reset
Overtemperature
• Unit shuts down, recycle input to reset
Protection
Overload Protection
• 110-150%, auto recovery
Short Circuit Protection • Trip and restart (Hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• 88% min
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
Output 0 V is electrically connected to
Input Ground
Switching Frequency
• 20-80 kHz variable
Power Density
• 5.1 W/In3
MTBF
• >100 kHrs per MIL-HDBK-217F
(+25 °C ambient at full load)
Environmental
Operating Temperature • 0 °C to +70 °C, derate from 100% power
at +40 °C to 60% power at +70 °C
Operating Humidity
• 10-95% RH, non-condensing
Storage Temperature
• -20 °C to +80 °C
Operating Altitude
• 3000 m
Shock
• 30 g, 10 ms on 3 axes
Vibration
• 5-100 Hz, 2.31 m/s2, 20 mins, 3 axes
EMC & Safety
Emissions
• EN55022/FCC/VCCI, Class B conducted
EN55022/FCC/VCCI, Class B radiated
Harmonic Currents
• EN61000-3-2
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±15 kv contact and
air discharge
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% for 10 ms,
60% 100 ms, 100% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• EN60950, UL60950,
CSA22.2 No. 60950 per cUL, CE Mark


Similar Part No. - AMD150PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
124Kb / 2P
   Energy Star Level V
More results

Similar Description - AMD150PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com