Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA5-20PC-4-AC1-RL-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ACA5-20PC-4-AC1-RL-C
Description  5 Amp Input LED-Display AC Ammeters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA5-20PC-4-AC1-RL-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ACA5-20PC-4-AC1-RL-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA5-20PC-4-AC1-RL-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA5-20PC-4-AC1-RL-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA5-20PC-4-AC1-RL-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA5-20PC-4-AC1-RL-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 4. ACA5-20PC DC-Powered Models
Figure 3. ACA5-20PC AC-Powered Models
First pass and carefully dress one output wire from the external CT
through the on-board CT (L1). Then connect the ac supply to TB1
as shown. If required, verify that correct line-power polarities are
applied to the external load (see Technical Note 4). Ensure all wires
are stripped and terminals torqued correctly. For proper operation,
pass only a single wire through the on-board CT's center hole.
First pass and carefully dress one output wire from the external
CT through the on-board CT (L1). Then connect the two dc power-
supply wires to TB1, observing correct positive ("+") and negative
("–") polarities. Ensure all wires are stripped and terminals
torqued correctly. For proper operation, pass only a single wire
through the on-board CT's center hole.
�� �� �� ��
�� �� ��
�� �
��
�� �� ��� �
�� �� �� �� �� ����� ��
�� �� �� �� �� �
�� �
�� �� �� �
�� ��
�� �� ��
�� �� �� �� �� �� �� �
��
��� �� �� �
�� �� ��
�� �
��
�� �
�� �� �� �
�� ��
�� �� ��
�� �� �� �� �� �� �� �
��
� �
�� �� ��� �
�� �� �� �� �� ����� ��
�� �� �� �� �� �
MPM_ACA520PC_B02 Page 4 of 5
ACA5-20PC Series
5 Amp Input LED-Display AC Ammeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
TYPICAL WIRING DIAGRAMS


Similar Part No. - ACA5-20PC-4-AC1-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-3-AC3-RL-C MURATA-PS-ACA5-20RM-3-AC3-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-3-AC4-RL-C MURATA-PS-ACA5-20RM-3-AC4-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-5-AC3-RL-C MURATA-PS-ACA5-20RM-5-AC3-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-5-AC4-RL-C MURATA-PS-ACA5-20RM-5-AC4-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
More results

Similar Description - ACA5-20PC-4-AC1-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Murata Power Solutions ...
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com