Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA5-20PC-14-AC1-RL-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ACA5-20PC-14-AC1-RL-C
Description  5 Amp Input LED-Display AC Ammeters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA5-20PC-14-AC1-RL-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ACA5-20PC-14-AC1-RL-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA5-20PC-14-AC1-RL-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA5-20PC-14-AC1-RL-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA5-20PC-14-AC1-RL-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA5-20PC-14-AC1-RL-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance/Functional Specifications
Typical at TA = + 25°C, unless otherwise noted.
The specified Full-Scale Current is the current carried by the single wire passing through
the center hole of the ACA5-20PC's on-board CT. It is not the load current ultimately being
measured. the Overcurrent Rating is a continuous rating that applies to the Full-Scale
Current. It does not apply to any circuitry external to the meter.
Listed accuracy specifications apply over the range of the Rated Full-Scale Current over
frequencies of 45-450Hz.
Maximum reverse polarity protection on "DC1" models is –40Vdc.
All specified maximum power supply currents are steady-state. AC-powered models can
draw larger surges at initial turn on.
ACA5 - 20PC - 1 - AC1 - RL - C
1 = 50.0A
2 = 75.0A
3 = 100.0A
4 = 150.0A
5 = 199.9A
6 = 250A
7 = 300A
8 = 400A
9 = 500A
10 = 600A
11 = 750A
12 = 1000A
13 = 1500A
14 = 1999A
RL = Red Standard
AC1 = 85-264Vac@50/60Hz
DC1 = +5-40Vdc
Input Range:
(45-450Hz)
LED Color:
Power Supply:
Accessories: DMS-20-CP Panel cutout punch
A DMS-BZL4 bezel assembly with sealing gasket is supplied with each ammeter.
Matching 5A Current Transformers: 5A current transformers for all ACA5-20PC
ac ammeters are available from Murata Power Solutions at nominal cost. For
technical information, visit www.murata-ps.com, select Digital Panel Meters,
then Accessories.
Ordering Information
Add -C for RoHS
Full-Scale Current ➀ ➁
Min.
Typ.
Max.
Units
All Models
5.0
Amps
Overcurrent Rating ➀
1.5 x rated full-scale current
Performance
Sampling Rate
2.5 reading per second
Accuracy ➁
±0.15%FS ±6 Counts
Measurement Type
Sine wave input, full-wave averaging,
rms calibrated
Temperature Drift (0 = +60°C)
±0.2
±0.4
Cnts/°C
Zero Reading
“–001”
“000”
“001”
Counts
Dielectric Withstanding Voltage
2000
Vdc
Power Supply Voltage ➂
ACA-20PC-X-AC1-RL (47-99Hz)
85
120
264
Vac
ACA-20PC-X-DC1-RL
+4.75
+40
Vdc
Power Supply Current ➃
ACA-20PC-X-AC1-RL (47-99Hz)
30
50
mA
ACA-20PC-X-DC1-RL
+8
+12
mAdc
Power Supply Terminal Block
Wire Size and Type
16-22AWG (solid or stranded)
Insulation Strip Length
0.25 inches
Screw Tightening Torque
3.6 pounds/inches (0.4Nm)
Display
Display Type and Size
3½ digit, 0.37"/9.4mm high LED
Overrange Indication
“1_ _ _“
Decimal Point
Model dependent. See Ordering Info.
Physical/Environmental
Operating Temperature
0
+60
°C
Storage Temperature
–40
+75
°C
Humidity (non-condensing)
0
95
%
Case Material
Polycarbonate
Dimensions
1.38”W x 0.88”H. Depth is model depen-
dent (see mechanical specification)
Weight: (All models)
1.1 Ounces (31 grams)
7020-01036-0
7020-01037-0
7020-01038-0
7020-01039-0
7020-01040-0
7020-01041-0
39-3681407 *
39-3681408 *
39-3681409 *
7020-01042-0
7020-01043-0
7020-01044-0
7020-01045-0
7020-01046-0
5A CT Partno.
* Not RoHS Compliant
MPM_ACA520PC_B02 Page 2 of 5
ACA5-20PC Series
5 Amp Input LED-Display AC Ammeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
 
For full details go to
www.murata-ps.com/rohs
IMPORTANT! To ensure safe and reliable operation, ACA5-20PC
ammeters must be installed and serviced by qualified technical per-
sonnel. Contact Murata Power Solutions if there is any doubt regarding
ammeter installation and/or operation.
1
. Measurement Type: ACA5-20PC ac ammeters employ a full-wave-
rectified, average responding, rms-calibrated circuit to measure the
stepped-down output of their built-in L1 current transformer (CT) .
Stated accuracy specifications are measured using a sine-wave cur-
rent at or close to the full-scale input level, at nominal line frequency.
2. Calibration: Periodic recalibration of ACA5-20PC ammeters is not
required under normal, indoor operating environments. If user calibra-
tion is necessary, it should be performed by qualified technical personnel.
Calibration is performed with potentially lethal voltages applied to the
ACA5-20PC and its associated wiring, with the specified full-scale
current flowing through the ammeter’s built-in current transformer.
A plastic, fully-insulated adjusting tool must be used to access the
recessed calibration potentiometer located on the back of the meter
(see Mechanical Specifications). Contact MPS if additional information
is required regarding calibration, setup, or any other technical issue
pertaining to ACA5-20PC ammeters.
3. Wire Gauges and Fusing: Wires specified in the Functional Specifica-
tions section must be used for making connections to ACA5-20PC
Series ammeters. All power-supply and load wiring must be rated for
the supply voltages and currents they will conduct and must comply
with any code or application-mandated requirements pertaining to the
user’s specific installation.
TECHNICAL NOTES


Similar Part No. - ACA5-20PC-14-AC1-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-3-AC3-RL-C MURATA-PS-ACA5-20RM-3-AC3-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-3-AC4-RL-C MURATA-PS-ACA5-20RM-3-AC4-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-5-AC3-RL-C MURATA-PS-ACA5-20RM-5-AC3-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-5-AC4-RL-C MURATA-PS-ACA5-20RM-5-AC4-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
More results

Similar Description - ACA5-20PC-14-AC1-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Murata Power Solutions ...
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com