Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEL60US30 Datasheet(PDF) 5 Page - XP Power Limited

Part # AEL60US30
Description  AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEL60US30 Datasheet(HTML) 5 Page - XP Power Limited

  AEL60US30 Datasheet HTML 1Page - XP Power Limited AEL60US30 Datasheet HTML 2Page - XP Power Limited AEL60US30 Datasheet HTML 3Page - XP Power Limited AEL60US30 Datasheet HTML 4Page - XP Power Limited AEL60US30 Datasheet HTML 5Page - XP Power Limited AEL60US30 Datasheet HTML 6Page - XP Power Limited AEL60US30 Datasheet HTML 7Page - XP Power Limited AEL60US30 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AEL40
Models and Ratings
Max Output
Power
Output
Voltage
(2)
Output
Current
Total
Regulation
(1)
Model
Number
25 W
5 VDC
5.00 A
7%
AEL40US05
35 W
8 VDC
4.37 A
5%
AEL40US08
9 VDC
3.88 A
5%
AEL40US09
40 W
12 VDC
3.33 A
5%
AEL40US12
15 VDC
2.67 A
5%
AEL40US15
18 VDC
2.22 A
5%
AEL40US18
24 VDC
1.67 A
3%
AEL40US24
36 VDC
1.11 A
3%
AEL40US36
48 VDC
0.83 A
3%
AEL40US48
Notes
1. Total regulation includes initial set accuracy, line regulation, load regulation and temperature coefficient.
2. Other output voltages available, contact sales for details.
1. All dimensions are shown in inches (mm). Tolerance ±0.04 (±1.0) max.
2. Output connector: is 0.22 (5.5) outer diameter barrel, 0.10 (2.5) inner diameter barrel with centre positive (+) and outer shell negative (-). Length is 0.433 (11.0).
3. Output cable length is 48” (1220mm) approx.
4. Weight is 0.70 lbs (300 g).
5. For European mains lead order part: EU-MAINS-IEC.
6. For UK mains lead order part: UK-MAINS-IEC.
7. For US mains lead order part: US-MAINS-IEC.
Notes
4.65 (118.00)
0.02 (0.50)
AC INPUT
IEC-320-C14 INLET
0.04±0.004 (1.00±0.10)
Mechanical Details


Similar Part No. - AEL60US30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEL60US12-L6 XPPOWER-AEL60US12-L6 Datasheet
752Kb / 6P
   AC-DC Power Supplies
AEL60US24-L6 XPPOWER-AEL60US24-L6 Datasheet
752Kb / 6P
   AC-DC Power Supplies
AEL60US48-L6 XPPOWER-AEL60US48-L6 Datasheet
752Kb / 6P
   AC-DC Power Supplies
More results

Similar Description - AEL60US30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com