Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH130PS28 Datasheet(PDF) 2 Page - XP Power Limited

Part # AEH130PS28
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEH130PS28 Datasheet(HTML) 2 Page - XP Power Limited

  AEH130PS28 Datasheet HTML 1Page - XP Power Limited AEH130PS28 Datasheet HTML 2Page - XP Power Limited AEH130PS28 Datasheet HTML 3Page - XP Power Limited AEH130PS28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AEH45
Models and Ratings
Notes
Mechanical Details
Output
Power
Max
Output 1(1,2)
Output 2(1,2)
Output 3(1,2)
Model
Number
Voltage
Nom.
Current
Voltage
Nom.
Current
Voltage
Nom.
Current
Min
Max
Min
Max
Min
Max
20 W
2.5 V
0.0 A
8.0 A
AEH45US02
26 W
3.3 V
0.0 A
8.0 A
AEH45US03
40 W
5.0 V
0.0 A
8.0 A
AEH45US05
42 W
7.0 V
0.0 A
6.0 A
AEH45US07
45 W
10.0 V
0.0 A
4.5 A
AEH45US10
44 W
12.0 V
0.0 A
3.7 A
AEH45US12
44 W
15.0 V
0.0 A
2.9 A
AEH45US15
44 W
18.0 V
0.0 A
2.4 A
AEH45US18
48 W
24.0 V
0.0 A
2.0 A
AEH45US24
50 W
30.0 V
0.0 A
1.7 A
AEH45US30
50 W
36.0 V
0.0 A
1.4 A
AEH45US36
50 W
48.0 V
0.0 A
1.0 A
AEH45US48
42 W
+12.0 V
0.5 A
3.0 A
-12.0 V
0.2 A
1.0 A
AEH45UM21
42 W
+15.0 V
0.5 A
2.0 A
-15.0 V
0.2 A
1.0 A
AEH45UM22
42 W
+5.0 V
0.5 A
5.0 A
+12.0 V
0.2 A
2.0 A
AEH45UM23
42 W
+5.0 V
0.5 A
5.0 A
+15.0 V
0.2 A
1.5 A
AEH45UM26
42 W
+5.0 V
0.5 A
5.0 A
+24.0 V
0.1 A
1.0 A
AEH45UM25
42 W
+5.0 V
0.5 A
5.0 A
-24.0 V
0.1 A
1.0 A
AEH45UM27
27 W
+3.3 V
0.5 A
5.0 A
+5.0 V
0.1 A
2.0 A
AEH45UM28
40 W
+3.3 V
0.5 A
5.0 A
+12.0 V
0.2 A
2.0 A
AEH45UM29
42 W
+5.0 V
0.5 A
5.0 A
+12.0 V
0.2 A
2.0 A
-5.0 V
0.0 A
0.8 A
AEH45UM33
42 W
+5.0 V
0.5 A
5.0 A
+12.0 V
0.2 A
2.0 A
-12.0 V
0.0 A
0.8 A
AEH45UM31
42 W
+5.0 V
0.5 A
5.0 A
+15.0 V
0.2 A
2.0 A
-15.0 V
0.0 A
0.8 A
AEH45UM32
40 W
+3.3 V
0.5 A
5.2 A
+12.0 V
0.2 A
2.0 A
-5.0 V
0.0 A
0.8 A
AEH45UM34
42 W
+3.3 V
0.5 A
5.0 A
+12.0 V
0.2 A
2.0 A
-12.0 V
0.0 A
0.8 A
AEH45UM35
42 W
+5.0 V
0.5 A
5.0 A
+24.0 V
0.1 A
1.0 A
-12.0 V
0.0 A
0.8 A
AEH45UM38
42 W
+5.0 V
0.5 A
5.0 A
+24.0 V
0.1 A
1.0 A
-24.0 V
0.0 A
0.5 A
AEH45UM39
1. Factory-set non-standard outputs available in single output versions.
2. Total regulation including initial set accuracy, line and load regulation is
typically 3% for output 1 and 5% for auxiliaries.
5.75 (146.0) ±1.0
2.99 (76.0)
AC Input
IEC 320-C14 Inlet
1.69
(43.0)
DC Output
5 Pin Plug
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output cable length is 72” (1830mm) approx.
4. Optional output connectors available. Contact sales office.
5. Weight 0.9-1.1 lb (400-500 g) approx.
6. For UK mains lead order part: UK-MAINS-IEC.
For European mains lead order part: EU-MAINS-IEC.
7. For mating DIN connector, use standard 5 pin 180º socket.
3
1
4
2
5
DC OUTPUT
PIN CONNECTIONS
Pin
SINGLE
DUAL
TRIPLE
Shell
GND
GND
GND
1
Common
Common
Common
2
Common
Common
Common
3
Output
Output 1
Output 1
4
Common
Common
Output 3
5
Output
Output 2
Output 2


Similar Part No. - AEH130PS28

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
AEH10-30 ASTEC-AEH10-30 Datasheet
462Kb / 2P
   50-150 Watts
AEH10A24 ASTEC-AEH10A24 Datasheet
462Kb / 2P
   50-150 Watts
logo
Emerson Network Power
AEH10A24 EMERSON-NETWORKPOWER-AEH10A24 Datasheet
462Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
More results

Similar Description - AEH130PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com