Electronic Components Datasheet Search |
|
TEA1742T Datasheet(PDF) 9 Page - NXP Semiconductors |
|
TEA1742T Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 17 page TEA1742T_1 © NXP B.V. 2009. All rights reserved. Objective data sheet Rev. 01 — 10 February 2009 9 of 17 NXP Semiconductors TEA1742T GreenChip PFC controller 7.2.7 Overcurrent protection (PFCSENSE pin) The maximum peak current is limited cycle-by-cycle by sensing the voltage across an external sense resistor, RSENSE1, on the source of the external MOSFET. The voltage is measured via the PFCSENSE pin. 7.2.8 Mains undervoltage lockout / brownout protection (VINSENSE pin) To prevent the PFC from operating at very low mains input voltages, the voltage on the VINSENSE pin is sensed continuously. As soon as the voltage on this pin drops below the Vstop(VINSENSE) level, switching of the PFC is stopped. The voltage on pin VINSENSE is clamped to a minimum value, Vstart(VINSENSE) + ∆Vpu(VINSENSE), for a fast restart as soon as the mains input voltage is restored after a mains dropout. 7.2.9 Overvoltage protection (VOSENSE pin) To prevent output overvoltage during load steps and mains transients, an overvoltage protection circuit is built in. As soon as the voltage on the VOSENSE pin exceeds the Vovp(VOSENSE) level, switching of the power factor correction circuit is inhibited. Switching of the PFC recommences as soon as the VOSENSE pin voltage drops below the VOVP(VOSENSE) level again. When the resistor between pin VOSENSE and ground is open, the overvoltage protection is also triggered. 7.2.10 PFC open-loop protection (VOSENSE pin) The power factor correction circuit does not start switching until the voltage on the VOSENSE pin is above the Vth(ol)(VOSENSE) level. This protects the circuit from open-loop and VOSENSE short situations. 7.2.11 Driver (pin PFCDRIVER) The driver circuit to the gate of the power MOSFET has a current sourcing capability of typically −500 (TBF) mA and a current sink capability of typically 1.2 (TBF) A. This permits fast turn-on and turn-off of the power MOSFET for efficient operation. 8. Limiting values Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Voltages VCC supply voltage −0.4 +38 V VPFCCOMP voltage on pin PFCCOMP −0.4 +5 V VVINSENSE voltage on pin VINSENSE −0.4 +5 V VVOSENSE voltage on pin VOSENSE −0.4 +5 V VPFCAUX voltage on pin PFCAUX −25 +25 V VPFCSENSE voltage on pin PFCSENSE current limited −0.4 +5 V |
Similar Part No. - TEA1742T |
|
Similar Description - TEA1742T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |