Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4164DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4164DY
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4164DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4164DY Datasheet HTML 1Page - Vishay Siliconix SI4164DY Datasheet HTML 2Page - Vishay Siliconix SI4164DY Datasheet HTML 3Page - Vishay Siliconix SI4164DY Datasheet HTML 4Page - Vishay Siliconix SI4164DY Datasheet HTML 5Page - Vishay Siliconix SI4164DY Datasheet HTML 6Page - Vishay Siliconix SI4164DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si4164DY
New Product
Document Number: 68870
S-82015-Rev. A, 01-Sep-08
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
DC/DC Conversion
- Low-Side Switch
Notebook PC
•Gaming
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.0032 at VGS = 10 V
30
26.5 nC
0.0039 at VGS = 4.5 V
26.3
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4164DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
30
A
TC = 70 °C
22.6
TA = 25 °C
21.5b, c
TA = 70 °C
17.1b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5.4
TA = 25 °C
2.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
40
Avalanche Energy
EAS
80
mJ
Maximum Power Dissipation
TC = 25 °C
PD
6.0
W
TC = 70 °C
3.3
TA = 25 °C
3.0b, c
TA = 70 °C
1.9b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
33
42
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
21
RoHS
COMPLIANT


Similar Part No. - SI4164DY

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4164DY TFUNK-SI4164DY Datasheet
275Kb / 10P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4164DY-T1-GE3 VISHAY-SI4164DY-T1-GE3 Datasheet
240Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI4164DY VISHAY-SI4164DY_V01 Datasheet
240Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4164DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com