Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-943GC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ADS-943GC
Description  14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-943GC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ADS-943GC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-943GC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
®
ADS-943
5
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of 0 to
+70°C and –55 to +125°C. All room-temperature (TA = +25°C)
production testing is performed without the use of heat sinks or
forced-air cooling. Thermal impedance figures for each device
are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package.
Electrically-insulating, thermally-conductive "pads" may be
installed underneath the package. Devices should be soldered
to boards rather than "socketed", and of course, minimal air
flow over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters", or contact DATEL directly, for additional
information.
Figure 4. ADS-943 Timing Diagram
OUTPUT
DATA
Data N Valid
Scale is approximately 20ns per division. Sampling rate = 3MHz.
EOC
Data N-1 Valid
Data N+1 Valid
Invalid
Data
283ns typ.
35ns typ.
130ns
1.
The start convert positive pulse width must be between either 10 and 110nsec or
160 and 300nsec (when sampling at 3MHz) to ensure proper operation. For sampling
rates lower than 3MHz, the start pulse can be wider than 300nsec, however a minimum
pulse width low of 30nsec should be maintained. A 3MHz clock with a 20nsec positive
pulse width is used for all production testing.
2.
Note:
10ns max.
INTERNAL S/H
10ns typ.
Acquisition Time
125ns typ.
208ns typ.
215ns max.
Hold
Conversion Time
120ns min., 130ns typ.,
140ns max.
50ns typ.
30ns typ.
125ns typ.
START
CONVERT
N
N+1
333nsec
20ns typ.


Similar Part No. - ADS-943GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943GC ETC-ADS-943GC Datasheet
166Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-943GC DATEL-ADS-943GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-943GC-C DATEL-ADS-943GC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-943GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943 ETC-ADS-943 Datasheet
166Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com