Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-947MC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # ADS-947MC
Description  14-Bit, 10MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-947MC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  ADS-947MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADS-947
®
®
INNOVATION and EXCELLENCE
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0346 Preliminary
10/01
OPERATING
24-PIN
MODEL
TEMP. RANGE
PACKAGE
ADS-947MC
0 to +70°C
DDIP
ADS-947ME
–40 to +100°C
DDIP
ADS-947ME-QL
–40 to +100°C
DDIP
ADS-947GC
0 to +70°C
SMT
ADS-947GE
–40 to +100°C
SMT
MECHANICAL DIMENSIONS INCHES (mm)
24-Pin DDIP
Versions
ADS-947MC
ADS-947ME
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
ORDERING INFORMATION
ACCESSORIES
ADS-B947
Evaluation Board (without ADS-947)
HS-24
Heat Sink for all ADS-947 DDIP models
24-Pin
Surface Mount
Versions
ADS-947GC
ADS-947GE
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead
Socket), 24 required.
®®
ISO 9001
ISO 9001
REGI
ST ERED
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000 (800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Similar Part No. - ADS-947MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947MC ETC-ADS-947MC Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-947MC DATEL-ADS-947MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-947MC-C DATEL-ADS-947MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-947MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com