Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-953ME Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # ADS-953ME
Description  18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-953ME Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  ADS-953ME Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-953ME Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-953ME Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-953ME Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-953ME Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-953ME Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail: sales@datel.com
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do
not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®
®
A SUBSIDIARY OF C&D TECHNOLOGIES
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
Internet: www.datel-europe.com E-mail: datel.ltd@datel.com
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
Internet: www.datel-europe.com E-mail: datel.sarl@datel.com
DATEL GmbH München, Germany Tel: 89-544334-0
Internet: www.datel-europe.com E-mail: datel.gmbh@datel.com
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
Internet: www.datel-co.jp E-mail: salestko@datel.co.jp, salesosa@datel.co.jp
DATEL China Shanghai, China Tel: 011-86-51317131
E-mail: davidx@datel.com
ISO 9001 REGISTERED
®®
ADS-953
DS-0541
3/05
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
OPERATING
32-PIN
MODEL NUMBER
TEMP. RANGE
PACKAGE
ADS-953MC
0 to +70°C
TDIP
ADS-953ME
–40 to +110°C
TDIP
ACCESSORIES
ADS-B951 *
Evaluation Board (without ADS-951)
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8
(Component Lead Socket), 32 required. For availability of MIL-STD-883 product, contact DATEL.
1.62 MAX.
(41.15)
0.92 MAX.
(23.37)
0.018 TYP.
(0.46)
1.50 TYP
(38.10)
0.100 TYP.
(2.54)
0.05 TYP.
(1.27)
0.175 TYP
(4.45)
0.05 TYP.
(1.27)
0.220 TYP.
(6.86)
0.90 TYP.
(22.86)
0.010 TYP.
(0.254)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar Alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
PIN 1 INDEX
0.05 TYP.
(1.27)
SEATING PLANE
* NOTE The ADS-951 evalution board is used for the AD-953, as the ADS-951 and ADS-953, share a common pinout


Similar Part No. - ADS-953ME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-953ME ETC-ADS-953ME Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-953ME DATEL-ADS-953ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-953ME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com