Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSD-1402S Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADSD-1402S
Description  Dual, 14-Bit, 2MSPS Sampling A/D Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADSD-1402S Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADSD-1402S Datasheet HTML 1Page - Murata Power Solutions Inc. ADSD-1402S Datasheet HTML 2Page - Murata Power Solutions Inc. ADSD-1402S Datasheet HTML 3Page - Murata Power Solutions Inc. ADSD-1402S Datasheet HTML 4Page - Murata Power Solutions Inc. ADSD-1402S Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®®
ADSD-1402
Dual, 14-Bit, 2MSPS
Sampling A/D Converter
FEATURES
••••• 14-bit resolution; 2MSPS sampling rate
••••• Functionally complete; ±5V input range
••••• No missing codes over full temperature range
••••• Edge-triggered; No pipeline delays
••••• ±5V supplies, 0.725 Watts
••••• Small, 40-pin, side-brazed, ceramic TDIP
••••• 79dB SNR, –80dB THD
••••• Ideal for both time and frequency domain applications
••••• Out-of-range indicator
GENERAL DESCRIPTION
DATEL's ADSD-1402 is a functionally complete, dual 14-bit,
2MSPS, sampling A/D converter. Its standard, 40-pin, triple-
wide ceramic DIP contains two fast-settling sample/hold
amplifiers, two 14-bit A/D converters, multiplexed output
buffers, a precision reference, and all the timing and control
logic necessary to operate from either two or a single start
convert pulse.
The ADSD-1402 is optimized for wideband frequency-
domain applications and is fully FFT tested. The ADSD-1402
requires only ±5V supplies and typically consumes 0.725
Watts. Models are available in either commercial
0 to +70°C or military -55 to +125°C operating temperature ranges.
INPUT/OUTPUT CONNECTIONS
1
INPUT A
40
INPUT B
2
+5VA
39
+5VA
3
ANALOG GROUND
38
ANALOG GROUND
4
GAIN A
37
GAIN B
5
OFFSET A
36
OFFSET B
6
RANGE
35
N/C
7
2.5V REF
34
N/C
8
ANALOG GROUND
33
ANALOG GROUND
9
–5V
32
–5V
10
ENABLE A
31
ENABLE B
11
START A
30
START B
12
+5VD
29
EOC
13
BIT 14 (LSB)
28
BIT 1 (MSB)
14
BIT 13
27
BIT 2
15
BIT 12
26
BIT 3
16
BIT 11
25
BIT 4
17
BIT 10
24
BIT 5
18
BIT 9
23
BIT 6
19
BIT 8
22
BIT 7
20
DGND
21
DGND
PIN
FUNCTION
PIN
FUNCTION
Figure 1. ADSD-1402 Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
2 8
B 1 ( M S B )
2 7
B 2
2 6
B 3
2 5
B 4
2 4
B 5
2 3
B 6
2 2
B 7
1 9
B 8
1 8
B 9
1 7
B 1 0
1 6
B 1 1
1 5
B 1 2
1 4
B 1 3
1 3
B 1 4
T I M I N G A N D
C O N T R O L L O G I C
O F F S E T A D J U S T A
5
A N A L O G I N P U T A
1
R A N G E
6
–
+
S / H 1
1 2
+ 5 V D
A M P
–
+
S / H 2
A D C
2
A M P
R E F
B U F F E R
B U F F E R
O F F S E T A D J U S T B 3 6
A N A L O G I N P U T B
4 0
8 0 0
8 0 0
E N A B L E A 1 0
E N A B L E B 3 1
S T A R T C O N A 1 1
S T A R T C O N B
3 0
E O C 2 9
9 , 3 2
– 5 V
2 , 3 9
+ 5 V A
3 , 8 , 3 3 , 3 8 ,
A G N D
2 0 , 2 1
D G N D
3 4 , 3 5
N / C
A D C
1


Similar Part No. - ADSD-1402S

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADSD-1402S DATEL-ADSD-1402S Datasheet
105Kb / 1P
   Sampling A/D Converters
ADSD-1402S-C DATEL-ADSD-1402S-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADSD-1402S-EX DATEL-ADSD-1402S-EX Datasheet
105Kb / 1P
   Sampling A/D Converters
ADSD-1402S-EX-C DATEL-ADSD-1402S-EX-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADSD-1402S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADSD-1402 MURATA-PS-ADSD-1402 Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1410S MURATA-PS-ADSD-1410S Datasheet
170Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
C&D Technologies
ADSD-1410S CANDD-ADSD-1410S Datasheet
134Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Murata Power Solutions ...
ADSQ-1410 MURATA-PS-ADSQ-1410 Datasheet
388Kb / 11P
   Quad 14-Bit, 10 MSPS Sampling A/D Converter
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com