Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR120LS12 Datasheet(PDF) 1 Page - XP Power Limited

Part # DNR120LS12
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR120LS12 Datasheet(HTML) 1 Page - XP Power Limited

  DNR120LS12 Datasheet HTML 1Page - XP Power Limited DNR120LS12 Datasheet HTML 2Page - XP Power Limited DNR120LS12 Datasheet HTML 3Page - XP Power Limited DNR120LS12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
120-480 Watts
Up to 90% Efficiency
Wide Adjustment Range
Three-phase 480 W Versions
Parallel Function
DC Standby Versions
Full Power to +60 °C
Connector Options
DNR120-480 Series
Input
Input Voltage
• DNR120LS: 93-132/186-264 VAC
switch select, 210-370 VDC switch in
230 VAC position
DNR120AS: 90-132/186-264 VAC
auto select, 210-370 VDC
DNR240PS: 93-132/186-264 VAC,
auto select, 210-370 VDC
DNR480PS: 90-264 VAC, 120-370 VDC
DNR480TS: 340-575 VAC 3Ø, 480-820 VDC
Input Frequency
• 47-63 Hz
Inrush Current
• 120 W: 24/48 A at 115/230 VAC
240 W: 30/60 A at 115/230 VAC
480PS: 25/50 A at 115/230 VAC
480TS: 33 A at 575 VAC
Power Factor
• Meets EN61000-3-2 for class A equipment
Earth Leakage Current
• 0.8 mA max
Output
Output Voltage
• See tables
Output Voltage Trim
• See tables
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• <1000 ms
Start Up Rise Time
• <150 ms
Hold Up Time
• 120 & 240 W: 25/30 ms at 115/230 VAC
480PS: 30 ms at 115/230 VAC
480TS: 20 ms at 340 VAC
Line Regulation
• ±0.5% max (±1% max for 480TS)
Load Regulation
• ±1% (±5% for units in parallel),
120LS models - see note 1
Transient Response
• 300 µs for a 50% load change
Ripple & Noise
• 120 W models: 50 mV pk-pk
240-480 W models: 100 mV pk-pk.
20 MHz BW
Overvoltage Protection • Output clamps at 125-145% Vnom
Overload Protection
• 105-145% constant current.
480TS model: 115-135% continuous
power limit, Imax = 2 x Inom at short
circuit condition or switchable trip and
restart mode, output is turned on for 3 s
every 30 s.
Temperature
• ±0.02%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 100 KHz typical
Signals
• DC ON indicator LED Green,
DC LOW indicator LED Red
DC OK: 24 V models
MTBF
• 200 kHrs typical per MIL-HDBK-217F
GF, +40 °C
Environmental
Operating Temperature • DNR120-240: -10 °C to +70 °C, derate
linearly from +60 °C at 2.5%/°C
DNR480 PS: -25 °C to +70 °C, derate
linearly from +55 °C at 2.5%/°C
DNR480 TS: -25 °C to +70 °C, derate
linearly from +60 °C at 2.5%/°C.
(see derating curves)
Cooling
• Convection-cooled
Operating Humidity
• 20-95% RH, non-condensing
Storage Temperature
• -25 °C to +85 °C
Shock
• 4 g, 22 ms, X, Y & Z axis
Vibration
• 1 g, 10 Hz to 500 kHz, along X, Y & Z axis
EMC & Safety
Emissions
• EN55022, class B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1:2001, UL508, UL60950-1,
cUL60950-1, CE Mark


Similar Part No. - DNR120LS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
DNR120TS12 XPPOWER-DNR120TS12 Datasheet
69Kb / 2P
   AC-DC Power Supplies
DNR120TS12 XPPOWER-DNR120TS12 Datasheet
422Kb / 2P
   Three Phase AC Input
DNR120TS24 XPPOWER-DNR120TS24 Datasheet
69Kb / 2P
   AC-DC Power Supplies
DNR120TS24 XPPOWER-DNR120TS24 Datasheet
422Kb / 2P
   Three Phase AC Input
More results

Similar Description - DNR120LS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com