Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-CCD1201MM Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADS-CCD1201MM
Description  12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-CCD1201MM Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-CCD1201MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INNO VA T IO N a n d E X C ELL E N C E
®
®
ADS-CCD1201
12-Bit, 1.2MHz, Sampling A/D’s
Optimized for CCD Applications
GENERAL DESCRIPTION
The functionally complete, easy-to-use ADS-CCD1201 is a
12-bit, 1.2MHz Sampling A/D Converter whose performance
and production testing have been optimized for use in
electronic imaging applications, particularly those employing
charge coupled devices (CCD’s) as their photodetectors. The
ADS-CCD1201 delivers the lowest noise (400µVrms) and the
best differential nonlinearity error (±0.35LSB max.) of any
commercially available 12-bit A/D in its speed class. It can
respond to full scale input steps (from empty to full well) with
less than a single count of error, and its input is immune to
overvoltages that may occur due to blooming.
Packaged in an industry-standard, 24-pin, ceramic DDIP, the
ADS-CCD1201 requires ±15V (or ±12V) and +5V supplies and
typically consumes 1.7 (1.4) Watts. The device is 100%
production tested for all critical performance parameters and is
fully specified over both the 0 to +70°C and –55 to +125°C
operating temperature ranges.
For those applications using correlated double sampling, the
ADS-CCD1201 can be supplied without its internal sample-
Figure 1. ADS-CCD1201 Functional Block Diagram
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 12 (LSB)
24
–12V/–15V SUPPLY
2
BIT 11
23
GROUND
3
BIT 10
22
+12V/+15V SUPPLY
4
BIT 9
21
+10V REFERENCE OUT
5
BIT 8
20
ANALOG INPUT
6
BIT7
19
GROUND
7
BIT 6
18
NO CONNECT
8
BIT 5
17
NO CONNECT
9
BIT 4
16
START CONVERT
10
BIT 3
15
EOC
11
BIT 2
14
GROUND
12
BIT 1 (MSB)
13
+5V SUPPLY
• Unipolar input range (0 to +10V)
• 1.2MHz sampling rate
• 4096-to-1 dynamic range (72.2dB)
• Low noise, 400µVrms (1/6 of an LSB)
• Outstanding differential nonlinearity error (±0.35 LSB max.)
• Small, 24-pin ceramic DDIP
• Low power, 1.7 Watts
• Operates from ±12V or ±15V supplies
• Edge-triggered, no pipeline delay
FEATURES
hold amplifier. DATEL will also entertain discussions about
including the CDS circuit internal to the ADS-CCD1201. Please
contact us for more details.
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508)339-6356 • For immediate assistance: (800) 233-2765
FLASH
ADC
REF
DAC
REGISTER
REGISTER
DIGITAL
CORRECTION
LOGIC
12 BIT 1 (MSB)
11 BIT 2
10 BIT 3
9
BIT 4
8
BIT 5
7
BIT 6
6
BIT 7
5
BIT 8
4
BIT 9
3
BIT 10
2
BIT 11
1
BIT 12 (LSB)
TIMING AND
CONTROL LOGIC
ANALOG INPUT 20
START CONVERT 16
EOC 15
13
+5V SUPPLY
17, 18
NO CONNECT
22
+12V/+15V SUPPLY
14, 19, 23
GROUND
24
–12V/–15V SUPPLY
S1
S2
S/H
BUFFER
+
+10V REFERENCE 21


Similar Part No. - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
ADS-CCD1201MM CANDD-ADS-CCD1201MM Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
DATEL, Inc.
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Similar Description - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
C&D Technologies
ADS-CCD1201 CANDD-ADS-CCD1201 Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
Murata Power Solutions ...
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com