Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR30US12 Datasheet(PDF) 1 Page - XP Power Limited

Part # DNR30US12
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR30US12 Datasheet(HTML) 1 Page - XP Power Limited

  DNR30US12 Datasheet HTML 1Page - XP Power Limited DNR30US12 Datasheet HTML 2Page - XP Power Limited DNR30US12 Datasheet HTML 3Page - XP Power Limited DNR30US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
5-60 Watts
Rugged Design for Industrial Applications
Up to 89% Efficiency
Wide Adjustment Range
DC OK 24 V Models
DC Standby Versions
Connector Options
Full Power to +60 ˚C
DNR05-60 Series
Input
Input Voltage
• 90-264 VAC, 120-370 VDC: DNR05/10/18
85-264 VAC, 90-375 VDC: DNR30/60
Input Frequency
• 47-63 Hz
Inrush Current
• 5-18 W: 10/18 A at 115/230 VAC
30 W: 20/40 A at 115/230 VAC
60 W: 30/60 A at 115/230 VAC
Power Factor
• Meets EN61000-3-2 for class A equipment
Earth Leakage Current
• 0.8 mA max
Output
Output Voltage
• See tables
Output Voltage Trim
• See tables
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• <1000 ms
Start Up Rise Time
• <150 ms
Hold Up Time
• 5 W: 30/130 ms at 115/230 VAC
10 W: 25/100 ms at 115/230 VAC
18 W: 20/75 ms at 115/230 VAC
30 W: 20/30 ms at 115/230 VAC
60 W: 20/30 ms at 115/230 VAC
Line Regulation
• 5-18 W: ±1.0% max
30-60 W: ±0.5% max
Load Regulation
• 5-18 W: ±2.0% max
30-60 W: ±0.5% max
Transient Response
• 300 µs for a 50% load change
Ripple & Noise
• 50 mV pk-pk, 20 MHz BW
Overvoltage Protection • Output clamps at 120-145% Vnom
Overload Protection
• 105-145%
Short Circuit Protection • 5-18 W: Trip and restart (Hiccup mode)
30-60 W: Constant power
Temperature
• ±0.03%/ºC
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 100 KHz typical
Signals
• DC ON indicator LED Green: All models
DC LOW indicator LED Red:
5-18 W models
DC OK: 24 V 30-60 W models
MTBF
• 200 kHrs typical per MIL-HDBK-217F
GF, +40 ºC
Environmental
Operating Temperature • -10 °C to +70 °C, derate linearly from
+50 °C for 5 & 18 W models, +60 °C for
all other models (See derating curves)
Cooling
• Convection-cooled
Operating Humidity
• 20-95% RH, non-condensing
Storage Temperature
• -25 ºC to +85 ºC
Shock
• 4 g, 22 ms, X, Y & Z axis
Vibration
• 1 g, 10 Hz to 500 kHz, along X, Y & Z axis
EMC & Safety
Emissions
• EN55022, level B conducted
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3 amendments 1 & 2
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1:2001, UL508,
UL1310 - see note 3 & ratings table,
UL60950-1, cUL60950-1, CE Mark


Similar Part No. - DNR30US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR30US12 XPPOWER-DNR30US12 Datasheet
182Kb / 4P
   Rugged Design for Industrial Applications
More results

Similar Description - DNR30US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com