Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM140US12 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECM140US12
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140US12 Datasheet(HTML) 2 Page - XP Power Limited

  ECM140US12 Datasheet HTML 1Page - XP Power Limited ECM140US12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-Jul-08
3.00
(76.2)
1.90
(48.3)
2.55
(64.8)
4 x ø0.156 (3.96) Mounting Holes
ø0.312 (7.92) Clearance Top & Bottom
0.19 (4.8)
SMD component height
0.25 Faston
Ground Tab
V Adj.
5.00 (127.0)
4.55 (115.6)
0.20 (5.1)
0.20 (5.1)
0.23 (5.7)
1.30
(33.0)
2.50
(63.6)
1.11
(28.3)
0.61
(15.6)
0.14
(3.5)
0.18
(4.6)
0.22 (5.7)
ECM140
Models and Ratings - Convection-cooled
Output Connector J2
Pin
Single
1
+V1
2
+V1
3
+V1
4
+V1
5
RTN
6
RTN
7
RTN
8
RTN
Signal Connector J3
Pin
Single
Pin
Single
1
+5V Standby*
6
Inhibit LO*
2
Logic GND*
7
+Sense
3
Logic GND*
8
-Sense
4
Power OK*
9
+Vout
5
Inhibit HI*
10
-Vout
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cover dimensions are 5.50 x 3.50 x 1.54 (140 x 89 x 39). See longform datasheet for drawing.
Notes
Input Connector J1
Pin 1
Line
Pin 2
Neutral
.25” Faston
Earth
Fan Connector J4
Pin 1
Fan +(12V)
Pin 2
Fan -
J1 mates with Molex housing
09-50-1031 and Molex series
5194 crimp terminals.
J4 mates with Molex housing
22-01-1024 and Molex series
5103 crimp terminals.
J2 mates with Molex housing
09-50-1081
and Molex series
5194 crimp terminals.
*Optional
J3 mates with JST housing PHDR-10VS and
JST series SPHD-001T-P0.5 crimp terminals.
Derating Curves
Safety Approvals
1. Convection-cooled, max output power must not exceed 120 W for
combined V1, V2, & V3
2. For V3 5 V standby, Power OK & Inhibit, add suffix ‘-A’ to model number.
3. For covered versions, add suffix ‘-C’ to model number or order part no.
ECM140 COVER KIT for standalone cover. Not suitable for use in
class II installations.
Notes
1. 10 CFM airflow.
2. For V3 5 V standby, Power OK & Inhibit, add suffix ‘-A’ to model number.
111
96
60
42
120
148
0
+50
+40
+60
+70
Ambient Temperature (ºC)
Convection-cooled with cover
Convection-cooled
Force-cooled >10 CFM
Output Power
(1)
Output Voltage V1
Max
Output Current V1
Fan Output
V2
Standby Supply
V3 (optional)
Model Number
(2,3)
120 W
12.0 VDC
10.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US12
120 W
15.0 VDC
8.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US15
120 W
18.0 VDC
6.6 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US18
120 W
24.0 VDC
5.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US24
120 W
48.0 VDC
2.5 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US48
Output Power
(1)
Output Voltage V1
Max
Output Current V1
Fan Output
V2
Standby Supply
V3 (optional)
Model Number
(2)
148 W
12.0 VDC
11.7 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US12
148 W
15.0 VDC
9.3 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US15
148 W
18.0 VDC
7.7 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US18
148 W
24.0 VDC
5.8 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US24
148 W
48.0 VDC
2.9 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US48
Models and Ratings - Forced-cooled
120
100
60
84
148
80
90
264
Input Voltage (VAC)
Convection-cooled
Convection-cooled with cover
10 CFM Force-cooled
IEC60950-1 CB report, CSA 22.2
No. 60950-1, UL60950-1, TUV
EN60950-1
IEC60601-1 CB report, CSA 22.2
No. 60601-1, UL60601-1, TUV
60601-1,
TUV IEC61010-1


Similar Part No. - ECM140US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM140US12 XPPOWER-ECM140US12 Datasheet
2Mb / 15P
   High Efficiency Resonant Topology
More results

Similar Description - ECM140US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com