Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHP-800 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SHP-800
Description  High Pass Filter 50廓 780 to 3000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SHP-800 Datasheet(HTML) 1 Page - Mini-Circuits

  SHP-800 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Applications
• lab use
• transmitters/receivers
• radio communications
SHP-800+
REV. C
M108294
SHP-800+
070308
50
780 to 3000 MHz
CASE STYLE: FF99
Connectors Model
Price
Qty.
SMA
SHP-800+
$38.95 ea. (1-9)
electrical schematic
typical frequency response
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
Stopband
Typ.
Passband
Typ.
DC-445
445-570
710
780-3000
17
2.1
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
High Pass Filter Electrical Specifications
Features
• rugged shielded case
• other standard and custom SHP models available
with wide selection of fco
High Pass Filter
Coaxial
Outline Drawing
Outline Dimensions (
)
inch
mm
B
D
E
wt
.67
1.98
.312 grams
17.02 50.29
7.92
42.0
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
INSERTION LOSS
0
1
10
100
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
40
45
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
Typical Performance Data
10.00
74.59
6.84
0.07
200.00
0.49
100.00
94.26
7.80
0.06
300.00
0.44
200.00
80.68
1.20
0.07
400.00
0.81
300.00
68.07
0.23
0.10
485.00
0.90
400.00
54.92
0.50
0.14
490.00
0.92
485.00
41.80
0.71
0.21
495.00
0.95
490.00
41.00
0.71
0.21
500.00
0.95
495.00
40.19
0.72
0.22
550.00
1.10
500.00
39.38
0.73
0.22
600.00
1.42
550.00
31.17
0.81
0.32
610.00
1.50
600.00
22.58
0.88
0.41
620.00
1.59
620.00
19.06
0.91
0.51
625.00
1.64
650.00
13.62
0.95
0.77
650.00
2.05
660.00
11.79
0.95
0.91
660.00
2.29
670.00
9.98
0.94
1.13
670.00
2.55
700.00
5.03
0.77
2.65
700.00
3.46
710.00
3.71
0.66
3.62
710.00
3.77
750.00
1.03
0.15
13.50
750.00
3.59
800.00
0.67
0.03
19.87
800.00
2.37
965.00
0.44
0.01
28.39
965.00
1.30
1070.00
0.41
0.00
39.79
1070.00
1.04
1180.00
0.40
0.00
33.07
1180.00
0.87
1290.00
0.40
0.01
25.70
1290.00
0.75
1400.00
0.42
0.02
21.82
1400.00
0.67
1460.00
0.43
0.02
20.66
1460.00
0.63
1570.00
0.46
0.03
19.47
1570.00
0.58
1680.00
0.48
0.03
19.23
1680.00
0.54
1790.00
0.48
0.04
19.63
1790.00
0.50
2000.00
0.49
0.04
21.39
2000.00
0.46
3000.00
0.57
0.03
18.79
3000.00
0.37
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - SHP-800

ManufacturerPart #DatasheetDescription
logo
NEC
SHP-012 NEC-SHP-012 Datasheet
2Mb / 104P
   Power Inductors
SHP-013 NEC-SHP-013 Datasheet
2Mb / 104P
   Power Inductors
SHP-022 NEC-SHP-022 Datasheet
2Mb / 104P
   Power Inductors
SHP-023 NEC-SHP-023 Datasheet
2Mb / 104P
   Power Inductors
SHP-032 NEC-SHP-032 Datasheet
2Mb / 104P
   Power Inductors
More results

Similar Description - SHP-800

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-800 MINI-NHP-800 Datasheet
141Kb / 1P
   High Pass Filter 50廓 780 to 3000 MHz
BHP-800 MINI-BHP-800 Datasheet
127Kb / 1P
   High Pass Filter 50廓 780 to 3000 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
NHP-700 MINI-NHP-700 Datasheet
84Kb / 1P
   High Pass Filter 50廓 700 to 3000 MHz
BHP-600 MINI-BHP-600 Datasheet
71Kb / 1P
   High Pass Filter 50廓 600 to 3000 MHz
NHP-250 MINI-NHP-250 Datasheet
100Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
NHP-200 MINI-NHP-200 Datasheet
84Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
NHP-900 MINI-NHP-900 Datasheet
136Kb / 1P
   High Pass Filter 50廓 910 to 3000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com