Electronic Components Datasheet Search |
|
ECM60US07 Datasheet(PDF) 3 Page - XP Power Limited |
|
ECM60US07 Datasheet(HTML) 3 Page - XP Power Limited |
3 / 4 page ECM60 Models and Ratings 20 10 30 40 50 60 70 80 0 % 75% Ambient Temp (°C) 0 100% 25% 50% 20 10 30 40 50 60 70 80 0 % 50% 100% Ambient Temp (°C) 0 75% 25% Note: Derate by 10% if cover is fitted All ECM60 models convection-cooled All ECM60 models with 5 CFM Output Connector J2 Pin Single Multi 1 +V1 +V1 2 +V1 +V1 3 RTN RTN 4 RTN RTN 5 NC -V3 6 NC +V2 1. V2 will track a change in V1 by the same percentage change in voltage as V1 is trimmed. 2. To receive unit with cover fitted, add suffix ‘-C’ to model number. For Class I operation only. 3. A 120% peak load can be taken for up to 100 ms with a 25% duty cycle. Average load not to exceed 60 W. 4. 48 V DC input version of 12 V single output model available in OEM quantities (DCM6048S12). Contact sales for details. † Available from Farnell. See pages 204-206. ^ Available from Newark. See pages 207-208. 1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25) 2. Cable harnesses with 300 mm wire available. For single output models, order part number ECM40/60S LOOM†. For multi-output models, order part number ECM40/60DT LOOM†. 3. Mating connector kit available. Order part number ECM40/60 CONKIT†. 4. Covers available. Order part number ECM40/60 COVER^†. Cover dimensions are 4.49 x 2.52 x 1.52 (114 x 64 x 38.5). 5. Selected single output models available in a 3” x 5” footprint for OEM quantities. Contact sales for details. 4X ø0.156 (3.96) mounting holes ø0.312 (7.92) clearance top and bottom SMD component height V Adj. 1.20 (30.5) 0.14 (3.5) 4.00 (101.6) 2.00 (50.8) 1.75 (44.45) 3.75 (95.25) 6 1 2 1 J2 J1 Input Connector J1 Pin 1 Line Pin 2 Neutral J1 mates with Molex housing 43061-0003 & Molex series 5194 crimp terminals. Optional ground (0.25 faston) tab available, contact sales. J2 mates with Molex housing 43061-0006 & Molex series 5194 crimp terminals. Weight: approx. 0.33 lb (150 g) Derating Curves Notes Notes Consult longform datasheet for installation information regarding optimum thermal ratings in convection-cooled applications. Max Power Output 1 Output 2 Output 3 Model Number (2) Voltage Current Min/Max (3) Voltage Current Min/Max Voltage Current Min/Max 60 W +5.0 V 0.0 A/12.00 A ECM60US05†^ +7.0 V 0.0 A/8.60 A ECM60US07 +9.0 V 0.0 A/6.70 A ECM60US09^ +12.0 V 0.0 A/5.00 A ECM60US12†^ +15.0 V 0.0 A/4.00 A ECM60US15†^ +18.0 V 0.0 A/3.30 A ECM60US18 +20.0 V 0.0 A/3.00 A ECM60US20 +24.0 V 0.0 A/2.50 A ECM60US24†^ +33.0 V 0.0 A/1.80 A ECM60US33 +48.0 V 0.0 A/1.25 A ECM60US48†^ +5.0 V 0.5 A/8.00 A +12.0 V 0.1 A/3.0 A ECM60UD21 +5.0 V 0.5 A/8.00 A +15.0 V 0.1 A/2.5 A ECM60UD22 +5.0 V 0.5 A/8.00 A +12.0 V 0.1 A/3.0 A -12.0 V 0.0 A/0.5 A ECM60UT31†^ +5.0 V 0.5 A/8.00 A +24.0 V 0.1 A/1.5 A -12.0 V 0.0 A/0.5 A ECM60UT32† +5.0 V 0.5 A/8.00 A +15.0 V 0.1 A/2.5 A -15.0 V 0.0 A/0.5 A ECM60UT33†^ +3.3 V 0.5 A/8.00 A +5.0 V 0.1 A/1.5 A +12.0 V 0.0 A/0.5 A ECM60UT34†^ +5.0 V 0.5 A/8.00 A +3.3 V 0.1 A/1.5 A +12.0 V 0.0 A/0.5 A ECM60UT35† Mechanical Details |
Similar Part No. - ECM60US07 |
|
Similar Description - ECM60US07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |