Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM60US09 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECM60US09
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM60US09 Datasheet(HTML) 2 Page - XP Power Limited

  ECM60US09 Datasheet HTML 1Page - XP Power Limited ECM60US09 Datasheet HTML 2Page - XP Power Limited ECM60US09 Datasheet HTML 3Page - XP Power Limited ECM60US09 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECM40
Models and Ratings
Output Connector J2
Pin
Single
Multi
1
+V1
+V1
2
+V1
+V1
3
RTN
RTN
4
RTN
RTN
5
NC
-V3
6
NC
+V2
Notes
1. V2 will track a change in V1 by the same percentage change in voltage as V1 is trimmed.
2. To receive unit with cover fitted, add suffix ‘-C’ to model number. For Class I operation only.
3. A 120% peak load can be taken for up to 100 ms with a 25% duty cycle. Average load not to exceed 40 W.
Available from Farnell. See pages 204-206.
^ Available from Newark. See pages 207-208.
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cable harnessess with 300 mm wire available.
For single output models, order part number ECM40/60S LOOM.
For multi-output models, order part number ECM40/60DT LOOM.
3. Mating connector kit available. Order part number ECM40/60 CONKIT.
4. Covers available. Order part number ECM40/60 COVER^†. Cover dimensions
are 4.49 x 2.52 x 1.52 (114 x 64 x 38.5)
4X ø0.156 (3.96) mounting holes
ø0.312 (7.92) clearance top and bottom
SMD component height
V Adj.
1.20
(30.5)
0.14 (3.5)
4.00 (101.6)
2.00
(50.8)
1.75
(44.45)
3.75 (95.25)
6
1
2
1
J2
J1
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with
Molex housing 43061-0003 &
Molex series 5194 crimp terminals
J2 mates with
Molex housing 43061-0006 &
Molex series 5194 crimp terminals
Weight: approx. 0.33 lb (150 g)
Derating Curves
20
10
30
40
50
60
70
80
0 %
50%
100%
Ambient Temp (°C)
0
75%
25%
20
10
30
40
50
60
70
80
0 %
50%
100%
Ambient Temp (°C)
0
75%
25%
Note: Derate by 10% if cover is fitted
All ECM40 models convection-cooled
All ECM40 models with 5 CFM
Consult longform datasheet for installation information regarding optimum thermal ratings in convection-cooled applications.
Max
Power
Output 1
Output 2
Output 3
Model
Number
(2)
Voltage
Current
Min/Max
(3)
Voltage
Current
Min/Max
Voltage
Current
Min/Max
40 W
+5.0 V
0.0 A/8.0 A
ECM40US05†^
+7.0 V
0.0 A/5.7 A
ECM40US07
+9.0 V
0.0 A/4.4 A
ECM40US09^
+12.0 V
0.0 A/3.5 A
ECM40US12†^
+15.0 V
0.0 A/2.7 A
ECM40US15†^
+18.0 V
0.0 A/2.2 A
ECM40US18
+24.0 V
0.0 A/1.7 A
ECM40US24†^
+33.0 V
0.0 A/1.2 A
ECM40US33
+48.0 V
0.0 A/0.9 A
ECM40US48†^
+5.0 V
0.5 A/6.0 A
+12.0 V
0.1 A/2.0 A
ECM40UD21
+5.0 V
0.5 A/6.0 A
+15.0 V
0.1 A/1.5 A
ECM40UD22
+5.0 V
0.5 A/6.0 A
+12.0 V
0.1 A/2.0 A
-12.0 V
0.0 A/0.5 A
ECM40UT31†^
+5.0 V
0.5 A/6.0 A
+24.0 V
0.1 A/1.0 A
-12.0 V
0.0 A/0.5 A
ECM40UT32
+5.0 V
0.5 A/6.0 A
+15.0 V
0.1 A/1.5 A
-15.0 V
0.0 A/0.5 A
ECM40UT33†^
+3.3 V
0.5 A/6.0 A
+5.0 V
0.1 A/1.5 A
+12.0 V
0.0 A/0.5 A
ECM40UT34†^
+5.0 V
0.5 A/6.0 A
+3.3 V
0.1 A/1.5 A
+12.0 V
0.0 A/0.5 A
ECM40UT35


Similar Part No. - ECM60US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM60US09 XPPOWER-ECM60US09 Datasheet
3Mb / 21P
   Full Load Available Convection Cooled
More results

Similar Description - ECM60US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com