Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUL200-12 Datasheet(PDF) 4 Page - XP Power Limited

Part # HUL200-12
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HUL200-12 Datasheet(HTML) 4 Page - XP Power Limited

  HUL200-12 Datasheet HTML 1Page - XP Power Limited HUL200-12 Datasheet HTML 2Page - XP Power Limited HUL200-12 Datasheet HTML 3Page - XP Power Limited HUL200-12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17-Apr-07
Available from Farnell. See pages 204-206.
Models and Ratings
HUL300
Output 1
Output 2
Output 3
Output 4(2)
Model
Number(1)
Voltage
Nom
Current
Voltage
Nom
Current
Voltage
nom
Current
Voltage
nom
Current
Min
Max
Min
Max
Min
Max
Min
Max
3.3 V
0.5 A
60.00 A
HUL300-10-1
5.0 V
0.5 A
60.00 A
HUL300-10
12.0 V
0.5 A
25.00 A
HUL300-12
15.0 V
0.5 A
20.00 A
HUL300-13
24.0 V
0.5 A
12.50 A
HUL300-14
48.0 V
0.5 A
6.25 A
HUL300-18
+5.0 V
0.5 A
30.00 A
+12.0 V
0.0 A
12.5 A
HUL300-23
+5.0 V
0.5 A
30.00 A
+15.0 V
0.0 A
10.0 A
HUL300-24
+5.0 V
0.5 A
30.00 A
+24.0 V
0.0 A
6.3 A
HUL300-25
+5.0 V
0.5 A
30.00 A
+12.0 V
0.0 A
10.5 A
F 12.0 V
0.0 A
2.0 A
HUL300-31
+5.0 V
0.5 A
30.00 A
+15.0 V
0.0 A
8.0 A
F 15.0 V
0.0 A
2.0 A
HUL300-32
+5.0 V
0.5 A
30.00 A
+12.0 V
0.0 A
10.0 A
-5.0 V
0.0 A
2.0 A
F 12.0 V
0.0 A
2.0 A
HUL300-40
+5.0 V
0.5 A
30.00 A
+24.0 V
0.0 A
4.3 A
-12.0 V
0.0 A
2.0 A
F 12.0 V
0.0 A
2.0 A
HUL300-45
+5.0 V
0.5 A
30.00 A
+15.0 V
0.0 A
7.4 A
-5.0 V
0.0 A
2.0 A
F 15.0 V
0.0 A
2.0 A
HUL300-46
Notes
1. Use part number UL300-XX for product without harmonic correction. e.g. UL300-10.
2. Output 4 is floating. It can be connected externally for positive or negative output.
3. Total output power for HUL300-12,13,14,18 models is 200 W convection-cooled, 300 W with 30 CFM forced air cooling.
4. Total output power for all other HUL300 models is 150 W convection-cooled, 300 W with 30 CFM forced air cooling.
5. Tolerance 5% all outputs, except single output units - tolerance 2%.
L N G
P1
P3
P2
1
14
PIN 1
FAN
4.25 (108.0)
2.50 (63.5)
1.00
(25.4)
2.00 (50.8)
8.00
(203.2)
7.50
(190.5)
5.81
(147.6)
7.00
(177.8)
M4 x 0.7 NUT FASTENER
(12 PLACES)
0.25 (6.35)
1.09
(27.8)
0.50
(12.7)
0.25
(6.4)
P2 Connector
Pin
Single Output
Multi Output
1
Output 1
Output 3
2
Output 1
Output 1
3
Output 1
Output 1
4
Output 1
Output 1
5
Output 1
Output 1
6
Output 1
Return
7
Output 1
Return
8
Return
Return
9
Return
Return
10
Return
Return
11
Return
Output 2
12
Return
Output 2
13
Return
Output 4
14
Return
Output 4 Return
P3 Connector
Pin
Single Output
Multi Output
1
Fan +
Return
2
Return
DC OK(7)
3
DC OK
Return
4
Power Fail Detect
Remote On/Off(6)
5
Remote On/Off(6)
Return
6
Return
Power Fail Detect
Notes
1. Input connector P1 mates with Molex housing 09-91-0500 and Molex 2478/2578/8818 series crimp terminal.
2. Output connector P2 mates with Molex housing 09-91-1400 and Molex 2478/2578/8818 series crimp terminal.
3. Fan connector mates with JST housing XHP-2 and JST SXH-002T-P0.6 crimp terminals. Multiple outputs only.
4. Signals connector P3 mates with JST housing XHP-6 and JST SXH-002T-P0.6 crimp terminals.
5. Covered versions are available,
add suffix: ‘-C’ to model number for cover only, dimensions: 4.25” x 8.00” x 2.16” (108.0 x 203.2 x 54.8 mm)
add suffix: ‘-FC’ to model number for fan cover, dimensions: 4.25” x 8.00” x 3.00” (108.0 x 203.2 x 75.7 mm).
6. Output is turned off by taking the Remote On/Off pin low (connect to Return).
7. DC OK is a open collector output. Low = normal operation.
8. Cable harnesses with
11.81” (300 mm) wire available, order part number HUL300 LOOM-S for single output models, HUL300 LOOM-D for dual output models,
HUL300 LOOM-T for triple output models or HUL300 LOOM-Q for quad output models. For mating connectors only, order part HUL300 CON KT.
9. Covers are available separately. Order part HUL300 COVERor HUL300 F/COVERfor Fan Cover.
10. Max penetration of screws 0.12” (3.0 mm).
Mechanical Details
All dimensions are in inches (mm).
Tolerance: 0.02 (0.5) max.
Weight: 2.20 lbs (1.0 kg) approx.


Similar Part No. - HUL200-12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
HUL6273 PANASONIC-HUL6273 Datasheet
112Kb / 2P
   Hologram Unit PD
HUL6274 PANASONIC-HUL6274 Datasheet
112Kb / 2P
   Hologram Unit PD
HUL7001 PANASONIC-HUL7001 Datasheet
81Kb / 5P
   Hologram Unit
HUL7001 PANASONIC-HUL7001 Datasheet
112Kb / 2P
   Hologram Unit PD
More results

Similar Description - HUL200-12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com