Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUL300-23 Datasheet(PDF) 3 Page - XP Power Limited

Part # HUL300-23
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HUL300-23 Datasheet(HTML) 3 Page - XP Power Limited

  HUL300-23 Datasheet HTML 1Page - XP Power Limited HUL300-23 Datasheet HTML 2Page - XP Power Limited HUL300-23 Datasheet HTML 3Page - XP Power Limited HUL300-23 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical Details
HUL200
Models and Ratings
Notes
Available from Farnell. See pages 204-206.
Output 1
Output 2
Output 3
Output 4(3)
Model
Number(1)
Voltage
Nom
Current
Voltage
Nom
Current
Voltage
nom
Current
Voltage
nom
Current
Min
Max
Min
Max
Min
Max
Min
Max
3.3 V
0.5 A
30.0 A
HUL200-10-1
5.0 V
0.5 A
40.0 A
HUL200-10
12.0 V
0.5 A
16.7 A
HUL200-12
15.0 V
0.5 A
13.3 A
HUL200-13
24.0 V
0.5 A
8.3 A
HUL200-14
48.0 V
0.5 A
4.1 A
HUL200-18
+5.0 V
0.5 A
20.0 A
+12.0 V
0.0 A
8.0 A
HUL200-23
+5.0 V
0.5 A
20.0 A
+15.0 V
0.0 A
6.6 A
HUL200-24
+5.0 V
0.5 A
20.0 A
+24.0 V
0.0 A
4.2 A
HUL200-25
+5.0 V
0.5 A
20.0 A
+12.0 V
0.0 A
8.0 A
F 12.0 V
0.0 A
1.0 A
HUL200-31
+5.0 V
0.5 A
20.0 A
+15.0 V
0.0 A
5.0 A
F 15.0 V
0.0 A
1.0 A
HUL200-32
+5.0 V
0.5 A
20.0 A
+12.0 V
0.0 A
6.0 A
-5.0 V
0.0 A
1.0 A
F 12.0 V
0.0 A
1.0 A
HUL200-40
+5.0 V
0.5 A
20.0 A
+24.0 V
0.0 A
3.0 A
-12.0 V
0.0 A
1.0 A
F 12.0 V
0.0 A
1.0 A
HUL200-45
+5.0 V
0.5 A
20.0 A
+15.0 V
0.0 A
5.0 A
-5.0 V
0.0 A
1.0 A
F 15.0 V
0.0 A
1.0 A
HUL200-46
+12.0 V
0.5 A
3.0 A
+36.0 V
0.0 A
5.0 A
+5.0 V
0.0 A
3.0 A
-12.0 V
0.0 A
1.0 A
HUL200-47
+5.0 V
0.5 A
5.0 A
+36.0 V
0.0 A
2.5 A
+12.0 V
0.0 A
1.0 A
-12.0 V
0.0 A
1.0 A
HUL200-47-2
+5.0 V
0.5 A
3.0 A
+24.0 V
0.0 A
8.0 A
+12.0 V
0.0 A
0.1 A
-12.0 V
0.0 A
0.1 A
HUL200-47-3
+5.0 V
0.5 A
5.0 A
+12.0 V
0.0 A
2.5 A
+24.0 V
0.0 A
2.5 A
-12.0 V
0.0 A
1.0 A
HUL200-47-1
B
1.50
(38.1)
1.27
(32.3)
1.25
(31.8)
6.80
(172.7)
6.40
(162.5)
A
B
5.77
(146.7)
P1
B
A
FAN
P2
Pin 1
B
B
A
B
1
L
N G
P3
A
A
Mounting holes:
A: M4 x 0.7, 8 places
B: 6-32, 8 places
Pin 1
3.80 (96.5)
±0.3 (7.6)
2.5 (63.5)
A
P2 Connector
Pin
Single Output
Multi Output
1
Output 1
Output 3
2
Output 1
Return
3
Output 1
Return
4
Output 1
Return
5
Output 1
Return
6
Output 1
Output 1
7
Return
Output 1
8
Return
Output 1
9
Return
Output 1
10
Return
Output 2
11
Return
Output 4
12
Return
Output 4 Return
P3 Connector
Pin
Single Output
Multi Output
1
Fan +
Multi-outputs have 3
separate 2 pin
connectors for Fan,
Power Good and Remote
ON/OFF. These are
clearly marked on the
PCB.
2
Return
3
Return
4
Power Fail Detect
5
Remote On/Off(7)
6
Return -
Notes
All dimensions are in inches (mm).
Tolerance: 0.02 (0.5) max.
Weight: 1.76 lbs (800 g) approx.
1. Use part number UL200-XX for product without harmonic correction. e.g.: UL200-10.
2. Total output power for HUL200-10-1 is 73 W convection-cooled, 100 W with 18.7 CFM forced air cooling.
3. Output 4 is floating except for -47 models. It can be connected externally for positive or negative output.
4. Total output power for HUL200 single output models is 150 W convection-cooled, 200 W with 18.7 CFM forced air cooling.
5. Total output power for HUL200 multi output models is 100 W convection-cooled, 200 W with 18.7 CFM forced air cooling.
6. Tolerance 5% all outputs, except single output units - tolerance 2%.
1.
Input connector P1 mates with Molex housing 09-91-0500 and Molex 2478/2578/8818 series crimp terminal.
2.
Output connector P2 mates with Molex housing 09-91-1200 and Molex 2478/2578/8818 series crimp terminal.
3.
Fan connector mates with JST housing XHP-2 and JST SXH-002T-P0.6 crimp terminals.
4.
Signals connector P3 mates with JST housing XHP-6 and JST SXH-002T-P0.6 crimp terminals or 3 off JST housing XHP-2 and JST SXH-002T-P0.6 crimp terminals.
5.
Covered versions are available:
add suffix: ‘-C’ to model number for cover only - dimensions: 3.80” x 6.80” x 1.66” (96.5 x 172.7 x 42.1 mm),
add suffix: ‘-FC’ to model number for fan cover - dimensions: 3.80” x 6.80” x 2.48” (96.5 x 172.7 x 63.0 mm).
6.
Covers are available separately. Order part HUL200 COVERor HUL200 F/COVERfor Fan Cover.
7.
Output is turned off by taking the Remote On/Off pin low (connect to Return).
8.
Cable harnesses with
11.81” (300 mm) wire available, order part number HUL200 LOOM-S for single output models, HUL200 LOOM-D for dual output models,
HUL200 LOOM-T for triple output models or HUL200 LOOM-Q for quad output models.
9.
For mating connectors only, order part HUL200 CON KT.
10. Max penetration of screws 0.12” (3.0 mm)


Similar Part No. - HUL300-23

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
HUL6273 PANASONIC-HUL6273 Datasheet
112Kb / 2P
   Hologram Unit PD
HUL6274 PANASONIC-HUL6274 Datasheet
112Kb / 2P
   Hologram Unit PD
HUL7001 PANASONIC-HUL7001 Datasheet
81Kb / 5P
   Hologram Unit
HUL7001 PANASONIC-HUL7001 Datasheet
112Kb / 2P
   Hologram Unit PD
More results

Similar Description - HUL300-23

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com