Electronic Components Datasheet Search |
|
820NQB6E12R Datasheet(PDF) 1 Page - CIT Relay & Switch |
|
820NQB6E12R Datasheet(HTML) 1 Page - CIT Relay & Switch |
1 / 3 page Website: www.citswitch.com Tel: 763-535-2339 Fax: 763-535-2194 SPECIFICATIONS Electrical Ratings 100mA @ 48VDC See Contact Options Electrical Life 100,000 cycles typical Contact Resistance < 50 m Ω initial Actuation Force 200 +/- 50gF Actuator Travel 2.5 +/- .3mm Dielectric Strength 1000Vrms min Insulation Resistance > 100M Ω min Operating Temperature Storage Temperature -40 °C to 85°C -40 °C to 85°C MATERIALS ←RoHS COMPLIANT Actuator Acetal Housing 6/6 Nylon Cover / Cap 6/6 Nylon Contacts Silver or Gold plated copper alloy Terminals Silver or Gold plated copper alloy ORDERING INFORMATION 820 1. Series: 820 820 L 2. Latching Option: N = Momentary L = Latching R 3. Contact Options: Q = Silver R = Gold B 4. Cap Style: A = Large Cap B = Small Cap 2 5. Cap Color: 1 = White 2 = Black 3 = Red 4 = Yellow 5 = Green 6 = Orange 7 = Blue 9 = Light Gray E2 6. Cover Style: **ONLY AVAILABLE WITH “B SMALL CAP” SS = Standard Cover ES = Extended Cover E1 = Extended Cover with 1 LED E2 = Extended Cover with 2 LEDs 2 7. Cover Color: 1 = White 2 = Black 3 = Red 4 = Yellow 5 = Green 6 = Orange 7 = Blue 9 = Light Gray R 8. LED 1 - Color: Blank = No LED R = Red Y = Yellow G = Green G 9. LED 2 - Color: Blank = No LED R = Red Y = Yellow G = Green |
Similar Part No. - 820NQB6E12R |
|
Similar Description - 820NQB6E12R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |