Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT8997DWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997DWR
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997DWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT8997DWR Datasheet HTML 7Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 8Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 9Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 10Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 11Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 12Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 13Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 14Page - Texas Instruments SN74ACT8997DWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Bit 4 – Parity Mask
The signal IRERR can be masked from appearing on DCO even if bits 6 and 5 are set such that it is output in
the Pause-IR state (reset condition = do not mask IRERR).
Bit – DCO Drive Select
DCO can be configured as either an open-drain or 3-state output (reset condition = open drain). The open-drain
configuration allows multiple DCO outputs to be used in a wired-OR or wired-AND application. The 3-state
configuration allows the DCO output to be connected to a bus.
Bit 2 – DCO Enable
When
configured
as
a
3-state
output,
DCO
can
be
placed
in
the
high-impedance
state
(reset condition = disabled). If configured as an open-drain output and disabled, DCO outputs a high level.
Bit 1 – DCI Polarity Select
DCI can be configured as an active-low or active-high input (reset condition = active low).
Bit 0 – Device Test Pins Output Enable (active low)
DTCK, DTDO1–4, and DTMS1–4 pins can be placed in the high-impedance state (disabled) with this bit
(reset condition = not disabled). If DTDO1–4 pins are not disabled using this control bit, then their drive state
is dependent on the value of the select register (see Table 7).
Several CTLR bits affect the functionality of the DCO output. The DCO function table is given in Table 6. Figure 3
illustrates the order of scan for the CTLR.
Bit 9
(MSB)
TDI or DTDI
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
TDO
Figure 3. Control-Register Bits and Order of Scan


Similar Part No. - SN74ACT8997DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT8990 TI-SN74ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990 TI-SN74ACT8990 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FNR TI-SN74ACT8990FNR Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN74ACT8997DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
[Old version datasheet]   DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com