Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC05DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC05DBR
Description  HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC05DBR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC05DBR Datasheet HTML 1Page - Texas Instruments SN74AHC05DBR Datasheet HTML 2Page - Texas Instruments SN74AHC05DBR Datasheet HTML 3Page - Texas Instruments SN74AHC05DBR Datasheet HTML 4Page - Texas Instruments SN74AHC05DBR Datasheet HTML 5Page - Texas Instruments SN74AHC05DBR Datasheet HTML 6Page - Texas Instruments SN74AHC05DBR Datasheet HTML 7Page - Texas Instruments SN74AHC05DBR Datasheet HTML 8Page - Texas Instruments SN74AHC05DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54AHC05, SN74AHC05
HEX INVERTERS
WITH OPEN-DRAIN OUTPUTS
SCLS357H – MAY 1997 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC05
SN74AHC05
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLZ
A
Y
CL =15 pF
2.2*
5.5*
1*
6.5*
1
6.5
ns
tPZL
A
Y
CL = 15 pF
2.9*
5.5*
1*
6.5*
1
6.5
ns
tPLZ
A
Y
CL =50 pF
3.4
7.5
1
8.5
1
8.5
ns
tPZL
A
Y
CL = 50 pF
4.2
7.5
1
8.5
1
8.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
3
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC05DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC05DBR TI1-SN74AHC05DBR Datasheet
704Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74AHC05DBRE4 TI1-SN74AHC05DBRE4 Datasheet
704Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74AHC05DBRG4 TI1-SN74AHC05DBRG4 Datasheet
704Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74AHC05DBR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com