Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3S3FE3 Datasheet(PDF) 8 Page - XP Power Limited

Part # P3S3FE3
Description  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

P3S3FE3 Datasheet(HTML) 8 Page - XP Power Limited

Back Button P3S3FE3 Datasheet HTML 2Page - XP Power Limited P3S3FE3 Datasheet HTML 3Page - XP Power Limited P3S3FE3 Datasheet HTML 4Page - XP Power Limited P3S3FE3 Datasheet HTML 5Page - XP Power Limited P3S3FE3 Datasheet HTML 6Page - XP Power Limited P3S3FE3 Datasheet HTML 7Page - XP Power Limited P3S3FE3 Datasheet HTML 8Page - XP Power Limited P3S3FE3 Datasheet HTML 9Page - XP Power Limited P3S3FE3 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ME4 Fan Assembly (M Models Only)
1.50
(38.1)
6.00 (152.4)
1.56
(39.7)
0.75
(19.1)
3.50
(88.9)
2.50
(63.5)
1.50
(38.1)
6.00 (152.4)
0.75
(19.1)
AC INPUT
3 POSITION TERMINAL BLOCK
POWER SUPPLY
OUTPUT TERMINATION AREA
11.25 (285.8)
5.00
(127.0)
2X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
4X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
M3-0.5 THD
ADDITIONAL MTG. HOLE IF REQUIRED
0.15 (3.8) MAX. SCREW PENETRATION
9.30 (236.2)
L
N
GND
AIRFLOW
LP & LP-MD
Mechanical Details 250/350 Watt M3 & M4
Notes
1.
Supplies are SEMI F47 at highline input (180-264) at 100% rated output power. Certification details available on request.
2.
Mating connector kit available. Order part number LP CONN KIT.
3.
Dimensions in inches (mm).
ME3 Fan Assembly (M Models Only)
1.50
(38.1)
5.50 (139.7)
1.56
(39.7)
0.75
(19.1)
3.50
(88.9)
2.50
(63.5)
1.50
(38.1)
5.50 (139.7)
0.75
(19.1)
AC INPUT
3 POSITION TERMINAL BLOCK
POWER SUPPLY
OUTPUT TERMINATION AREA
10.25 (260.4)
5.00
(127.0)
2X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
4X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
M3-0.5 THD
ADDITIONAL MTG. HOLE IF REQUIRED
0.15 (3.8) MAX. SCREW PENETRATION
8.30 (210.8)
L
N
GND
AIRFLOW
Weight: 2.00 lb (0.91 kg) approx
Weight: 2.16 lb (0.98 kg) approx


Similar Part No. - P3S3FE3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3S0200 NXP-P3S0200 Datasheet
274Kb / 18P
   I3C switch with hardware select and enable
Rev. 1.0-14 February 2022
P3S0200GM NXP-P3S0200GM Datasheet
274Kb / 18P
   I3C switch with hardware select and enable
Rev. 1.0-14 February 2022
P3S0200GMX NXP-P3S0200GMX Datasheet
274Kb / 18P
   I3C switch with hardware select and enable
Rev. 1.0-14 February 2022
logo
Freescale Semiconductor...
P3S12G128F0CFTR FREESCALE-P3S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
P3S12G128F0CLCR FREESCALE-P3S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - P3S3FE3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com