Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR0805-10G-KBW Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # HR0805-10G-KBW
Description  HIGH MEGOHM CHIP RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

HR0805-10G-KBW Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  HR0805-10G-KBW Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Resistance Range: 1M
Ω to 1TΩ (1012Ω)
Standard Tol: ±5% up to 500M
Ω, ±10/20/50% >500MΩ
Choice of terminations: lead-free, tin/lead, or gold
Low cost, popular models available from stock
Excellent thermal, voltage, and environmental stabilty
HIGH MEGOHM CHIP RESISTORS
SPECIFICATIONS
HR SERIES
TYPICAL PERFORMANCE CHARACTERISTICS
HR SERIES - Industry’s Highest Value Chip Resistors!
RCD’s HR Series offers excellent stability for applications
requiring high ohmic values such as X-Ray equipment,
photomultipliers, inoization detectors and other circuits whoc
involve low signal detection or amplification. The excellent
performance of the HR Series also makes them ideal as an
input resistor in many high impedance voltage dividers.
1 Consult factory for resistance values outside of the standard range
e
p
y
T
D
C
Re
g
a
t
t
a
W
.
x
a
M
g
n
i
k
r
o
W
e
g
a
t
l
o
V
n
o
i
t
a
n
i
m
r
e
T
e
p
y
T
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
1
s
n
o
i
s
n
e
m
i
D
A]
4
5
.
2
[
1
0
.
±B
]
4
5
.
2
[
1
0
.
±.
x
a
M
H.
p
y
T
t
2
0
4
0
R
HW
3
6
0
.V
0
5W
M
0
7
4
-
M
1
2
0
.4
0
.8
1
0
.1
0
.
]
1
5
.
[]
2
0
.
1
[]
5
4
.
[]
5
2
.
[
3
0
5
0
R
HW
3
0
.V
0
5S
M
0
0
1
-
M
1
5
2
0
.5
0
.4
2
0
.2
1
0
.
]
4
6
.
[]
7
2
.
1
[]
6
.
[]
3
.
[
3
0
6
0
R
HW
1
.V
0
5W
G
0
1
-
M
1
1
3
0
.1
6
0
.2
2
0
.2
1
0
.
]
3
.
1
[]
5
5
.
1
[]
5
5
.
[]
3
.
0
[
5
0
8
0
R
HW
5
2
1
.V
0
5
1W
T
1
-
M
1
5
0
.9
7
0
.6
2
0
.2
1
0
.
]
5
2
.
1
[]
0
.
2
[]
6
6
.
[]
3
.
0
[
6
0
2
1
R
HW
5
2
.V
0
0
2W
T
1
-
M
1
2
6
0
.6
2
1
.6
2
0
.6
1
0
.
]
6
.
1
[]
2
.
3
[]
6
6
.
[]
4
.
0
[
0
1
2
1
R
HW
3
3
.V
0
0
2W
M
0
7
4
-
M
1
8
9
0
.6
2
1
.6
2
0
.. 2
0
]
5
.
2
[]
2
.
3
[]
6
6
.
[]
5
.
0
[
0
1
0
2
R
HW
5
.V
0
0
2W
M
0
7
4
-
M
1
2
0
1
.7
9
1
.6
2
0
.. 2
0
]
6
.
2
[]
0
.
5
[]
6
6
.
[]
5
.
0
[
2
1
5
2
R
HW
1V
0
5
2W
G
1
-
M
1
5
2
1
.5
2
.8
2
0
.. 2
0
]
2
.
3
[]
5
3
.
6
[]
7
.
[]
5
.
0
[
*
V
5
1
-
V
5
.
f
e
o
C
e
g
a
t
l
o
V
0
1
o
t
p
u
V
/
%
1
0
.
8
,
0
1
V
/
%
5
0
.
9
,
0
1
V
/
%
2
.
0
1
,
0
1
V
/
%
1
1
1
,
)
C
°
5
2
1
-
5
2
(
.
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
0
1
<
m
p
p
0
0
3
7
,
0
1
m
p
p
0
0
5
7
0
1
-
9
,
0
1
>
m
p
p
0
0
0
1
9
0
1
-
0
1
,
0
1
>
m
p
p
0
0
0
2
0
1
0
1
-
1
1
,
0
1
>
m
p
p
0
0
5
2
1
1
0
1
-
2
1
)
C
°
5
2
1
+
o
t
°
5
5
-
(
k
c
o
h
S
l
a
m
r
e
h
T%
5
.
0
∆R
)
S
5
,
V
x
a
M
x
2
(
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S%
1
∆R
)
r
h
1
,
C
°
5
5
-
(
n
o
i
t
a
r
e
p
O
.
p
m
e
T
w
o
L%
5
.
0
∆R
)
s
r
h
0
0
1
,
C
°
5
2
1
(
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
5
.
0
∆R
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
5
2
.
0
∆R
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
0
∆R
)
.
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
1
∆R
e
c
n
a
t
s
i
s
e
R
C
DC
°
5
2
V
0
5
@
.
l
o
t
n
i
h
t
i
w
DERATING CURVE
Resistors may be operated up to full rated power & voltage, with
consideration of mounting layout and environmental conditions
RESISTORS CAPACITORS COILS DELAY LINES
FA103A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
A
B
t
H
Termination Type S: Single Sided (HR0503)
H
Termination Type W: Wraparound
(standard on all sizes except HR0503)
B
t
A
107
* VC is based on HR1206 and larger (smaller sizes have higher VC’s)
-55
40
50
60
70
80
90
100
110
120
130
140
150
100
80
60
40
20
0
AMBIENT TEMPERATURE (°C)
26
Termination: W= Lead-free (Tin-plated), Q= Tin/Lead,
G= Gold plated
P/N DESIGNATION:
HR0805
-
107 - J T
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: N=50%, M=20%, K=10%, J=5%
Resis.Code: 2 digits & multiplier (105=1M, 106=10M,
107=100M, 1G0=1G, 10G=10G, 100G=100G, 1T0=1T
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
Term.W is RoHS
compliant &
260°C process
compatible
RoHS


Similar Part No. - HR0805-10G-KBW

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HR0805F1000KT IRCTT-HR0805F1000KT Datasheet
182Kb / 2P
   High Value Surface Mount Resistor
HR0805F1000KW IRCTT-HR0805F1000KW Datasheet
182Kb / 2P
   High Value Surface Mount Resistor
HR0805F1000ST IRCTT-HR0805F1000ST Datasheet
182Kb / 2P
   High Value Surface Mount Resistor
HR0805F1000SW IRCTT-HR0805F1000SW Datasheet
182Kb / 2P
   High Value Surface Mount Resistor
HR0805F1000YT IRCTT-HR0805F1000YT Datasheet
182Kb / 2P
   High Value Surface Mount Resistor
More results

Similar Description - HR0805-10G-KBW

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
BC630P-3003-J RCD-BC630P-3003-J Datasheet
31Kb / 1P
   RADIAL LEAD MEGOHM RESISTORS
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
logo
YAGEO Corporation
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
YAGEO Corporation
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com