Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ-100E Datasheet(PDF) 2 Page - XP Power Limited

Part # PQ-100E
Description  100W Quad Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PQ-100E Datasheet(HTML) 2 Page - XP Power Limited

  PQ-100E Datasheet HTML 1Page - XP Power Limited PQ-100E Datasheet HTML 2Page - XP Power Limited PQ-100E Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100WQuadOutputSwitchingPowerSupply
SPECIFICATION
PQ-100D
PQ-100E
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
POWERGOOD
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
24V
12V
-12V
5V
15V
12V
24V
5A
2A
2A
0.5A
8A
0.6A
3A
0.6A
2~5A
0.4~2A
0.5~4.5A
0~1A
2~8A
0~1A
0.5~3A
0~1A
103W
99.4W
80mVp-p
180mVp-p
120mVp-p
120mVp-p
150mVp-p
120mVp-p
120mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
10%
6.0%
6.0%
6.0%
6.0%
6.0%
2.0%
1.0%
1.0%
1.0%
5.0%
1.0%
1.0%
1.0%
3.0%
1.0%
1.0%
1.0%
1.0%
5.0%
3.0%
1.0%
5.0%
1200ms,50msatfullload
80msatfullload
100~264VAC141~370VDC(90~100VAC90%loadmax.)
47~63Hz
77%
74%
3A/115VAC1.5A/230VAC
COLDSTART 50A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+50
,60
(Refertooutputloadderatingcurve)
withcoolingfan
1ms
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,Periodfor60min.eachalongX, Y,Zaxes
258.6Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*46mm(L*W*H)
0.56Kg;24pcs/14.5Kg/1.19CUFT
FileName:PQ-100-SPEC2006-02-14
CH1:5.75~6.75VDC
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
Lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,11;ENV50204,
Features :
P Q - 1 0 0 series
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Universal AC input / Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
With power good signal output(Optional)
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
OUTPUTNUMBER
CH1
CH1
CH3
CH3
CH2
CH2
CH4
CH4


Similar Part No. - PQ-100E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PQ-100E ASTRODYNE-PQ-100E Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Tumbler Technologies + ...
PQ-100E TRUMPOWER-PQ-100E Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
Mean Well Enterprises C...
PQ-100E MEANWELL-PQ-100E Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
More results

Similar Description - PQ-100E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
PQ-100 MEANWELL-PQ-100_12 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
PQ-100 MEANWELL-PQ-100_10 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
logo
Astrodyne Corporation
PQ-100 ASTRODYNE-PQ-100 Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NED-100_0809 MEANWELL-NED-100_0809 Datasheet
417Kb / 2P
   100W Dual Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com