Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML150PS30 Datasheet(PDF) 2 Page - XP Power Limited

Part # SML150PS30
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SML150PS30 Datasheet(HTML) 2 Page - XP Power Limited

  SML150PS30 Datasheet HTML 1Page - XP Power Limited SML150PS30 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
6.00 (152.4)
1.00
(25.4)
4.00 (101.6)
1.00
(25.4)
1.00
(25.4)
2.00
(50.8)
A
A
AA
A
A
CN1
CN2
1
1
2
6
4.00 (101.6)
1.00
(25.4)
3.00
(76.2)
4.00
(101.6)
0.50
(12.7)
L
N
G
V-
V-
V+
V+
4.00
(101.6)
0.08
(2.0)
2.00 (50.8)
1.00
(25.4)
4.00 (101.6)
1.00
(25.4)
1.00
(25.4)
2.00
(50.8)
A
A
A
0.24 (6.3)
0.20 (5.2)
0
M4
Mechanical Details
SML
Models and Ratings
Output
Power
Output
Voltage
Output Current
Ripple & Noise(1)
Model
Number
Min
Max(2)
150 W
12.0 V
1.25 A
12.50 A
1%
SML150PS12
13.5 V
1.11 A
11.10 A
1%
SML150PS13
15.0 V
1.00 A
10.00 A
1%
SML150PS15
18.0 V
0.85 A
8.33 A
1%
SML150PS18
24.0 V
0.63 A
6.70 A
1%
SML150PS24
27.0 V
0.55 A
5.55 A
1%
SML150PS27
30.0 V
0.50 A
5.00 A
1%
SML150PS30
36.0 V
0.42 A
4.17 A
1%
SML150PS36
48.0 V
0.32 A
3.13 A
1%
SML150PS48
54.0 V
0.28 A
2.78 A
1%
SML150PS54
300 W
12.0 V
1.25 A
25.00 A
1%
SML300PS12
13.5 V
1.11 A
22.20 A
1%
SML300PS13
15.0 V
1.00 A
22.00 A
1%
SML300PS15
18.0 V
0.85 A
16.66 A
1%
SML300PS18
24.0 V
0.63 A
12.55 A
1%
SML300PS24
27.0 V
0.55 A
11.00 A
1%
SML300PS27
30.0 V
0.50 A
10.00 A
1%
SML300PS30
36.0 V
0.42 A
8.33 A
1%
SML300PS36
48.0 V
0.32 A
6.25 A
1%
SML300PS48
54.0 V
0.28 A
5.55 A
1%
SML300PS54
Notes
1. Measured at 20 MHz bandwidth with 0.1 µF ceramic capacitor in parallel with 22 µF electrolytic capacitor.
2. Peak power of 600 W can be taken for 500 µs.
Notes
1. Fan drive connector CN1 mates with Molex 22-01-1022 or equivalent with Series 2759 or 5159 crimps.
2. Signal connector CN2 mates with JST XHP-6 or equivalent with JST SXH-002T-P0.6 crimps.
3. Auxiliary 12 V 500 mA supply is regulated between 12 V to 14.5 V.
4. External LED can be connected between ‘PFD LED Drive +’ and ‘PFD’, max current is 5 mA.
5. External LED can be connected between ‘Fan LED Drive +’ and ‘Fan Fail’, max current is 5 mA.
6. Input/Output connector is Howder, part H3-95-7P.
7. Optional cable harness available. Order part number SML LOOM KIT.
8. Maximum mounting screw penetration 0.15 (4.00) from case outer surfaces.
All dimensions are in inches (mm).
Weight approx 1.75 lb (800 g).
0
4)
4
4.00
(101.6)
0.08
(2.0)
2.00 (50.8)
0
4)
4
A (8 places)
0.24 (6.3)
0.20 (5.2)
0.10
(2.7)
1.00
(25.4)
M4 x 0.7
Pin
CN1
Fan
CN2
Signals
1
Return
+12 V, 0.5 Auxiliary
2
+12 V
Return
3
PFD LED Drive+
4
Fan LED Drive +
5
PFD
6
Fan Fail


Similar Part No. - SML150PS30

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
SML1505 PROMOCO-SML1505 Datasheet
467Kb / 2P
   Linear Stepping Motor Unit
logo
Seme LAB
SML150FB12 SEME-LAB-SML150FB12 Datasheet
629Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML150MAT12 SEME-LAB-SML150MAT12 Datasheet
230Kb / 8P
   HIGH RELIABILTY PLASTIC HYBRID MODULE
More results

Similar Description - SML150PS30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com