Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WC303 Datasheet(PDF) 2 Page - XP Power Limited

Part # WC303
Description  DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WC303 Datasheet(HTML) 2 Page - XP Power Limited

  WC303 Datasheet HTML 1Page - XP Power Limited WC303 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.xpplc.com
sales@xpplc.com
Mechanical Details
Dimensions in inches (mm)
OUTPUT VOLTAGE & CURRENT RATINGS
WC
Input
Output
Output
Input Current(2)
Efficiency
Model
Voltage(1)
Voltage
Current
No Load
Full Load
Number
5 VDC
3000 mA
30 mA
1660 mA
75%
WC101
12 VDC
1250 mA
30 mA
1625 mA
78%
WC102
9-18 VDC
15 VDC
1000 mA
30 mA
1625 mA
78%
WC103
±5 VDC
±1500 mA
35 mA
1620 mA
77%
WC104
±12 VDC
±625 mA
35 mA
1620 mA
77%
WC105
±15 VDC
±500 mA
35 mA
1620 mA
77%
WC106
5 VDC
3000 mA
15 mA
812 mA
78%
WC201
12 VDC
1250 mA
20 mA
772 mA
81%
WC202
18-36 VDC
15 VDC
1000 mA
20 mA
772 mA
81%
WC203
±5 VDC
±1500 mA
25 mA
780 mA
80%
WC204
±12 VDC
±500 mA
25 mA
780 mA
80%
WC205
±15 VDC
±625 mA
25 mA
780 mA
80%
WC206
5 VDC
3000 mA
10 mA
390 mA
80%
WC301
12 VDC
1250 mA
15 mA
381 mA
82%
WC302
36-72 VDC
15 VDC
1000 mA
15 mA
381 mA
82%
WC303
±5 VDC
±1500 mA
20 mA
386 mA
81%
WC304
±12 VDC
±625 mA
20 mA
386 mA
81%
WC305
±15 VDC
±500 mA
20 mA
386 mA
81%
WC306
Notes
1. Nominal input voltage is 12 VDC for WC1XX models, 24 VDC for WC2XX and 48 VDC for WC3XX models.
2. Input current is at nominal input voltage.
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+ Input
+ Input
2
- Input
-Input
3
+Output
+Output
4
No Pin
Common
5
-Output
-Output
Rev 2.0


Similar Part No. - WC303

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC315 MMD-WC315 Datasheet
64Kb / 1P
   32.768KHZ Crystal Series
WC315 MMD-WC315 Datasheet
97Kb / 2P
   WC315 Series Crystal
WC315-32.768KHZ-XX MMD-WC315-32.768KHZ-XX Datasheet
64Kb / 1P
   32.768KHZ Crystal Series
WC315-32.768KHZ-XXT MMD-WC315-32.768KHZ-XXT Datasheet
64Kb / 1P
   32.768KHZ Crystal Series
WC315XX-32.768KHZ-XX MMD-WC315XX-32.768KHZ-XX Datasheet
64Kb / 1P
   32.768KHZ Crystal Series
More results

Similar Description - WC303

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com