Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHC367W Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54AHC367W
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHC367W Datasheet(HTML) 4 Page - Texas Instruments

  SN54AHC367W Datasheet HTML 1Page - Texas Instruments SN54AHC367W Datasheet HTML 2Page - Texas Instruments SN54AHC367W Datasheet HTML 3Page - Texas Instruments SN54AHC367W Datasheet HTML 4Page - Texas Instruments SN54AHC367W Datasheet HTML 5Page - Texas Instruments SN54AHC367W Datasheet HTML 6Page - Texas Instruments SN54AHC367W Datasheet HTML 7Page - Texas Instruments SN54AHC367W Datasheet HTML 8Page - Texas Instruments SN54AHC367W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN54AHC367, SN74AHC367
HEX BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SCLS424E – JUNE 1998 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC367
SN74AHC367
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
4.7*
8.3*
1*
10*
1
10
ns
tPHL
A
Y
CL = 15 pF
4.7*
8..3*
1*
10*
1
10
ns
tPZH
OE
Y
CL =15 pF
5.1*
10.5*
1*
12.5*
1
12.5
ns
tPZL
OE
Y
CL = 15 pF
5.1*
10.5*
1*
12.5*
1
12.5
ns
tPHZ
OE
Y
CL =15 pF
4*
10.5*
1*
12.5*
1
12.5
ns
tPLZ
OE
Y
CL = 15 F
4.9*
10.5*
1*
12.5*
1
12.5
ns
tPLH
A
Y
CL =50 pF
6.1
11.8
1
13.5
1
13.5
ns
tPHL
A
Y
CL = 50 pF
6.2
11.8
1
13.5
1
13.5
ns
tPZH
OE
Y
CL =50 pF
6.4
14
1
16
1
16
ns
tPZL
OE
Y
CL = 50 pF
6.8
14
1
16
1
16
ns
tPHZ
OE
Y
CL =50 pF
6.2
13.6
1
15.5
1
15.5
ns
tPLZ
OE
Y
CL = 50 F
7.3
13.6
1
15.5
1
15.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC367
SN74AHC367
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
3.4*
5.9*
1*
7*
1
7
ns
tPHL
A
Y
CL = 15 pF
3.6*
5.9*
1*
7*
1
7
ns
tPZH
OE
Y
CL =15 pF
3.6*
7.2*
1*
8.5*
1
8.5
ns
tPZL
OE
Y
CL = 15 pF
3.8*
7.2*
1*
8.5*
1
8.5
ns
tPHZ
OE
Y
CL =15 pF
2.6*
7.2*
0*
8.5*
0
8.5
ns
tPLZ
OE
Y
CL = 15 F
2.6*
7.2*
0*
8.5*
0
8.5
ns
tPLH
A
Y
CL =50 pF
4.3
7.9
1
9
1
9
ns
tPHL
A
Y
CL = 50 pF
4.5
7.9
1
9
1
9
ns
tPZH
OE
Y
CL =50 pF
4.6
9.2
1
10.5
1
10.5
ns
tPZL
OE
Y
CL = 50 pF
4.9
9.2
1
10.5
1
10.5
ns
tPHZ
OE
Y
CL =50 pF
3.4
9.2
0
10.5
0
10.5
ns
tPLZ
OE
Y
CL = 50 F
4.5
9.2
0
10.5
0
10.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHC367
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.9
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.2
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54AHC367W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
1Mb / 32P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI1-SN54AHC32 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
2Mb / 42P
[Old version datasheet]   SNx4AHC32 Quadruple 2-Input Positive-OR Gates
REVISED MAY 2023
SN54AHC32FK TI-SN54AHC32FK Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN54AHC367W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com