Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMP_1000 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # KMP_1000
Description  Pulse Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_1000 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  KMP_1000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_1000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_1000C_B02 Page 2 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
1000 Series
Pulse Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
MECHANICAL DIMENSIONS
PIN CONNECTIONS (TOP VIEW)
15.06 (0.593)
15.06
(0.593)
15.75±0.50
(0.620±0.02)
20.5
(0.807)
5.08 (0.20)
5.08 (0.20)
10.16 (0.40)
Ø0.71±0.05
(Ø0.028±0.002)
1003C
YYWW
15.06 (0.593)
15.06
(0.593)
15.75±0.50
(0.620±0.02)
20.5
(0.807)
10.16 (0.40)
10.16 (0.40)
Ø0.71±0.05
(Ø0.028±0.002)
1001C
YYWW
12
2
6
2
4
6
1
5
1
3
5
Pri
Sec
Pri
S2
S1
2
4
6
1
3
5
Pri
Sec
A
B
All dimensions in mm (inches). Package weight: 8.0g Typ.
C
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isola-
tion Test Voltage’ are all terms that relate to the same thing, a test voltage, applied for a specified time,
across a component designed to provide electrical isolation, to verify the integrity of that isolation.
All products in this series are 100% production tested at their stated isolation voltage.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in
normal operation?”
For a part holding no specific agency approvals both input and output should normally be maintained
within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage represents a measure
of immunity to transient voltages and the part should never be used as an element of a safety isolation
system. The part could be expected to function correctly with several hundred volts offset applied
continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be
regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier
between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier
component can actually degrade isolation capability, to a lesser or great-
er degree depending on materials, construction and environment. While
parts can be expected to withstand several times the stated test voltage,
the isolation capability does depend on the insulative materials used.
Such materials are susceptible to chemical degradation when subject
to very high applied voltages. We therefore strongly advise against
repeated high voltage isolation testing, but if it is absolutely required,
that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for
better than functional isolation where wire enamel insulation is always
supplemented by a further insulation system of physical spacing or
barriers.


Similar Part No. - KMP_1000

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KMP-1-B MSYSTEM-KMP-1-B Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-B/Q MSYSTEM-KMP-1-B/Q Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-C MSYSTEM-KMP-1-C Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-C/Q MSYSTEM-KMP-1-C/Q Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-D MSYSTEM-KMP-1-D Datasheet
134Kb / 4P
   Final Control Elements
More results

Similar Description - KMP_1000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
   Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
   PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
   Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
   Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
   Pulse transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com