Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1U-3X-16-A-48-RC Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # S1U-3X-16-A-48-RC
Description  AC/DC Front End Power Supply S1U Power Shelf
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

S1U-3X-16-A-48-RC Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  S1U-3X-16-A-48-RC Datasheet HTML 1Page - Murata Power Solutions Inc. S1U-3X-16-A-48-RC Datasheet HTML 2Page - Murata Power Solutions Inc. S1U-3X-16-A-48-RC Datasheet HTML 3Page - Murata Power Solutions Inc. S1U-3X-16-A-48-RC Datasheet HTML 4Page - Murata Power Solutions Inc. S1U-3X-16-A-48-RC Datasheet HTML 5Page - Murata Power Solutions Inc. S1U-3X-16-A-48-RC Datasheet HTML 6Page - Murata Power Solutions Inc. S1U-3X-16-A-48-RC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
D1U-W-1200-48-Hx Series
AC/DC Front End Power Supply + S1U Power Shelf
CPS_D1U-W-1200-48-Hx.C06 Page 6 of 7
www.murata-ps.com
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
MECHANICAL DIMENSIONS - D1U-W-1200-48-Hx
MECHANICAL DIMENSIONS - S1U Power Shelf
Dimensions: 12.00”L x 4.75” W x 1.6” H (40.7H x 120.6W x 304.90mm)
AC Input Connector: The AC input connector is standard IEC320 C14 (15A).
(465.00)
18.307
(482.40)
18.992
(439.80)
17.315
NOTES:
1. The DC output terminals are of terminal block style that will allow connection using crimp
type right-angle lugs accepting up to AWG#2 wire, Panduit lug LCC2-14AWF-Q or equivalent is
recommended.
2. Two M6 studs at 15.88 mm centre spacing are provided for connection to each pole. Hardware is
provided for fastening the lugs/wires as well as terminal block covers
304,80 ±0,65
12.000 ±0.025
[]
8.65
[0.340]
REF
312.64±0.35
[12.309±0.013]]
20,20 ±0,25
0.795 ±0.009
[]
127,85 ±0,40
5.033 ±0.015
[]
12,66 ±0,40
0.498 ±0.015
[]
41.00±0.40
1.614±0.015
120,65 ±0,65
4.750 ±0.025
[]
132,85 ±0,50
5.230 ±0.019
[]
37,31 ±0,40
1.469 ±0.015
[]


Similar Part No. - S1U-3X-16-A-48-RC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
S1U-3X-16-A-48-RC MURATA-PS-S1U-3X-16-A-48-RC Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
S1U-3X-16-A-48-RC MURATA-PS-S1U-3X-16-A-48-RC Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
S1U-3X-16-A-48-RC MURATA-PS-S1U-3X-16-A-48-RC Datasheet
157Kb / 4P
   1U 19 inch Power Shelf for the D1U Family of Power Supplies
S1U-3X-16-A-48-RCV MURATA-PS-S1U-3X-16-A-48-RCV Datasheet
157Kb / 4P
   1U 19 inch Power Shelf for the D1U Family of Power Supplies
More results

Similar Description - S1U-3X-16-A-48-RC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com