Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHM-12L Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # SHM-12L
Description  Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SHM-12L Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  SHM-12L Datasheet HTML 1Page - Murata Power Solutions Inc. SHM-12L Datasheet HTML 2Page - Murata Power Solutions Inc. SHM-12L Datasheet HTML 3Page - Murata Power Solutions Inc. SHM-12L Datasheet HTML 4Page - Murata Power Solutions Inc. SHM-12L Datasheet HTML 5Page - Murata Power Solutions Inc. SHM-12L Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
®
®
SHM-12
1
2
3
4
6
7
8
9
10
11
12
13
20
15
16
14
19
18
17
5
0.95
(24.13)
1.10
(27.94)
0.85
(21.59)
0.100
(2.54)
INCHES
(mm)
0.43
(11)
0.13
(3.3)
0.018
(0.45)
(TOP VIEW)
1
2
3
4
6
7
8
9
10
11
12
13
20
15
16
14
19
18
17
5
R1
R3
R4
R5
R6
C1
C2
C3
C4
C5
C6
C7
(BOTTOM VIEW)
PLASTIC
STANDOFF
SHM-12 Evaluation Board Connections
Figure 5. SHM-12 Evaluation Board Dimensions
1
GROUND
2
GROUND
3
GROUND
4
GROUND
5
ANALOG OUTPUT
6
+5V SUPPLY
7
+5V SUPPLY
8
+5V SUPPLY
9
+5V SUPPLY
10
+5V SUPPLY
11
–5V SUPPLY
12
–5V SUPPLY
13
HOLD
14
SAMPLE
15
–5V SUPPLY
16
–5V SUPPLY
17
–5V SUPPLY
18
–5V SUPPLY
19
–5V SUPPLY
20
ANALOG INPUT
PIN
FUNCTION
5


Similar Part No. - SHM-12L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHM-12L ETC-SHM-12L Datasheet
153Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-12LM ETC-SHM-12LM Datasheet
153Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
More results

Similar Description - SHM-12L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHM-12 ETC-SHM-12 Datasheet
153Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-14 MURATA-PS-SHM-14 Datasheet
155Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
List of Unclassifed Man...
SHM-14 ETC-SHM-14 Datasheet
153Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com