Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI200D-2 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CPCI200D-2
Description  200W 3Ux4HP DC/DC CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CPCI200D-2 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CPCI200D-2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CPCI200D-2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CPCI200D-2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CPCI200D-2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CPCI200D-2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cPCI200D Series
200W 3Ux4HP DC/DC CompactPCI™ Power Supply
cPCI200D Series.B01 Page 2 of 5
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Efficiency
48Vdc input, full load
70
%
Switching Frequency
400
420
440
kHz
Weight
Unpackaged
636
g
PROTECTION
Parameter
Conditions/Response
Inception
Min
Typ
Max
Units
Thermal Shutdown
Automatic recovery upon restoration to operational temperatures
100
ºC
Input Protection
Internal line fuse, all models, Littlefuse R251010 or equivalent
10
A
Over-Voltage Protection
V1 & V2
125
135
%Vnom
Output Overload Protection
Outputs are individually protected against overloads and indefinite short circuit with automatic recovery upon removal of the fault condition.
Overload response for all outputs is constant-current mode.
Hot-Swap Capability
Design Verification Testing (DVT) confirms that voltage excursions on the output buses resulting from insertion/extraction events do not exceed
the specified maximum of 10%. However, routing of power and signal lines in the mating backplane is critical to minimization of such excur-
sions. In addition, performance can be critically affected by load characteristics including resistance, negative resistance, and reactive com-
ponents. While the control loop responses have been designed for optimum hot-swap performance over a wide range of characteristics, there
may be instances where the voltage excursions exceed published specifications. In such cases, the control loop responses can be modified to
perform optimally.
Output Fault Isolation
Output isolation devices are present in all outputs to isolate faults within a failed power supply.
Remote Sense Lead Protection
Outputs V1 & V2 are capable of compensating for >50mV of line drop. Unit automatically reverts to local sensing in the event that the sense
lines are opened for any reason. Unit is also protected against reversed or shorted sense leads.
STATUS & CONTROL SIGNALS & INDICATORS
Name
Description
Enable (EN#)
Short pin on connector will enable the outputs when the mating pin is grounded. Supply will not power up until this pin is
engaged to its mate in the backplane. Unit output will be inhibited as pin is disengaged from the mating connector.
Output Inhibit (INH#)
Secondary referenced; active low, TTL compatible. Logic “0” or short circuit to output return inhibits all outputs.
Output Fault (FAL#)
Secondary referenced. Open collector signal denotes that one of the output voltages has fallen below the lower regulation limit.
Remote Sense (RS+, RS-)
Connection of the sense leads across the load at the desired point of regulation will compensate for voltage distribution drops up
to 50mV between the output terminals of the power supply and the point of connection. The unit reverts to local sensing if the
sense lines are opened for any reason. The output is protected against shorted or open leads. Applies to outputs V1 & V2.
Thermal Warning (DEG#)
Secondary referenced. Open collector denotes a thermal warning; nominally, 10ºC prior to thermal shutdown.
Fault Indicator LED
An LED will illuminate red if the output voltages are not within specification, coincident with assertion of the FAL# signal.
Power Present Indicator LED
A green LED will be illuminated when the input voltage is present and above the minimum requirement.
Output Inhibit Indicator LED
An amber LED will be illuminated when the output is inhibited.
IPMI Interface Option
An I2C interface board is available as a factory-installed option to provide an IPMI interface to the SMBus. Status functions
include output voltage and current levels as well as the DEG# warning. Output inhibit control can also be toggled via software
command. See application note ACAN-02 for the satellite controller specification, ACAN-03 for the firmware update procedure,
and ACAN-04 for the test procedure.


Similar Part No. - CPCI200D-2

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI200D-2 CANDD-CPCI200D-2 Datasheet
232Kb / 4P
   180/225 wATT, 3U x 4HP CompactPCI
More results

Similar Description - CPCI200D-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI500DC MURATA-TPS_CPCI500DC Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com