Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS_CPCI500DC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TPS_CPCI500DC
Description  500W 6Ux4HP DC/DC CompactPCI Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPS_CPCI500DC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TPS_CPCI500DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPS_CPCI500DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPS_CPCI500DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TPS_CPCI500DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDC_cPCI500 Series.B01 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
cPCI500 Series
500W 6Ux4HP DC/DC CompactPCI™ Power Supply
PROTECTION
Parameter
Conditions/Response
Inception
Min
Typ
Max
Units
Thermal Shutdown
Automatic recovery upon restoration to operational temperatures
90
ºC
Output Power Limit
Automatic recovery
530
W
Input Protection
Internal line fuse, Littlefuse BLN 25P ROHS or equivalent
25
A
Over-voltage Protection
Output V1, latching
6.0
6.5
7.0
Vdc
Output V2, latching
3.9
4.3
4.7
Vdc
Parameter
Conditions/Response
Output Overload Protection
Outputs are individually protected against overloads and indefinite short circuit with automatic recovery upon removal of the fault condition.
Hot-Swap Capability
Design Verification Testing (DVT) confirms that voltage excursions on the output buses resulting from insertion/extraction events do not exceed the
specified maximum of 5%. However, routing of power and signal lines in the mating backplane is critical to minimization of such excursions. In
addition, performance can be critically affected by load characteristics including resistance, negative resistance, and reactive components. While
the control loop responses have been designed for optimum hot-swap performance over a wide range of characteristics, there may be instances
where the voltage excursions exceed published specifications. In such cases, the control loop responses can be modified to perform optimally.
Output Fault Isolation
Output isolation devices are present in all outputs to isolate faults within a failed power supply.
STATUS & CONTROL SIGNALS & INDICATORS
Name
Description
Hot-Swap Enable
Short pin on connector will enable the outputs when the mating pin is tied to DC GRD. Supply will not power up until this pin is engaged to its
mate in the backplane. Unit output will be inhibited as pin is disengaged from the mating connector.
Output Inhibit
Secondary referenced; active low, TTL compatible. Logic “0” or short circuit to Logic RTN (pin 40 or 43) inhibits all outputs.
DC Good
Secondary referenced. Open collector signal with an internal 2.2k pull-up resistor is connected to the +5V output. TTL signal will transition high
when all outputs are between 90% and 110% of their nominal voltage.
Remote Sense
Connection of the sense leads across the load at the desired point of regulation will compensate for voltage distribution drops up to 700mV
between the output terminals of the power supply and the point of connection. The unit reverts to local sensing if the sense lines are opened for
any reason. The output is protected against shorted or open leads. Applies to all outputs.
Fan Alarm
Secondary referenced; TTL compatible; active low. Signal transitions to a Logic 0 denotes a thermal warning.
Power Present Indicator LED
A green LED will be illuminated when the input voltage is present and above the minimum requirement.
DC Good Indicator LED
A green LED will be illuminated when the output voltages are within 90-110% of specification, coincident with assertion of the DC Good signal.
This LED will be extinguished if any of the output voltages is outside of this range.
Fan Good Indicator LED
A green LED will be illuminated when the fan is operational, coincident with de-assertion of the Fan Alarm signal. This LED will be extinguished in
the event of a fan failure.
Sync Start
A power supply generated signal used to simultaneously start power supplies connected in parallel when the load on any output exceeds a single
power supply’s capacity for that output. These pins must be bused together at the backplane in parallel/redundant applications (N+n) when N>1.
In simple redundant (1+1) or non-parallel applications (1+0), the pin can be ignored.
Power Supply Present
This pin presents a DC ground signal to the mating pin in the backplane. It is intended to be used by the system to detect the presence of a
power supply when the supply is mated into an available position.
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
AmbientOperatingTemperature
De-rate output power linearly above 40ºC to 250W at 60ºC.
0
60
ºC
Ambient Storage Temperature
-25
+125
ºC
Humidity
Operating; non-condensing
10
95
%
Storage; non-condensing
5
95
%
Altitude
Operating. De-rate ambient temperature by 2Cº per 1000ft above 5000ft.
-200
10000
ft
Storage
-200
40000
ft
Cooling
Self-cooled by internal fan
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Efficiency
48Vdc input, 500W load (dependent upon load profile)
65
%
Switching Frequency
72
kHz
MTBF
Calculated per MIL-HDBK-217F, 25ºC, ground benign
84
khrs
Weight
Unpackaged
3.6
kg


Similar Part No. - TPS_CPCI500DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
More results

Similar Description - TPS_CPCI500DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
logo
List of Unclassifed Man...
EFRD-S2507SH ETC2-EFRD-S2507SH Datasheet
477Kb / 2P
   1U DC To DC 500W Server Power Supply
logo
C&D Technologies
TPS_PX500 CANDD-TPS_PX500 Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
logo
Delta Electronics, Inc.
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
   High Power DC-DC Module 500W ~ 700W?
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
logo
DENSEI-LAMBDA
PT500 LAMBDA-PT500 Datasheet
87Kb / 1P
   DC-DC transformer module 500W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com