Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT139N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT139N
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT139N Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT139N Datasheet HTML 1Page - Texas Instruments SN74AHCT139N Datasheet HTML 2Page - Texas Instruments SN74AHCT139N Datasheet HTML 3Page - Texas Instruments SN74AHCT139N Datasheet HTML 4Page - Texas Instruments SN74AHCT139N Datasheet HTML 5Page - Texas Instruments SN74AHCT139N Datasheet HTML 6Page - Texas Instruments SN74AHCT139N Datasheet HTML 7Page - Texas Instruments SN74AHCT139N Datasheet HTML 8Page - Texas Instruments SN74AHCT139N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54AHCT139, SN74AHCT139
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS267M – DECEMBER 1995 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Designed Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
D Incorporate Two Enable Inputs to Simplify
Cascading and/or Data Reception
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
The ’AHCT139 devices are dual 2-line to 4-line
decoders/demultiplexers designed for 4.5-V to
5.5-V
VCC operation. These devices are
designed
to
be
used
in
high-performance
memory-decoding or data-routing applications
requiring very short propagation delay times. In
high-performance
memory
systems,
these
decoders can be used to minimize the effects of
system decoding. When used with high-speed
memories utilizing a fast enable circuit, the delay
times of these decoders and the enable time of the
memory usually are less than the typical access
time of the memory. This means that the effective
system delay introduced by the decoders is
negligible.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHCT139N
SN74AHCT139N
SOIC – D
Tube
SN74AHCT139D
AHCT139
SOIC – D
Tape and reel
SN74AHCT139DR
AHCT139
–40
°Cto85°C
SOP – NS
Tape and reel
SN74AHCT139NSR
AHCT139
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74AHCT139DBR
HB139
TSSOP
PW
Tube
SN74AHCT139PW
HB139
TSSOP – PW
Tape and reel
SN74AHCT139PWR
HB139
TVSOP – DGV
Tape and reel
SN74AHCT139DGVR
HB139
CDIP – J
Tube
SNJ54AHCT139J
SNJ54AHCT139J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHCT139W
SNJ54AHCT139W
LCCC – FK
Tube
SNJ54AHCT13FK
SNJ54AHCT139FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2A
2B
NC
2Y0
2Y1
1B
1Y0
NC
1Y1
1Y2
SN54AHCT139 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
1A
1B
1Y0
1Y1
1Y2
1Y3
GND
VCC
2G
2A
2B
2Y0
2Y1
2Y2
2Y3
SN54AHCT139 ...J OR W PACKAGE
SN74AHCT139 . . . D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - SN74AHCT139N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT139N TI-SN74AHCT139N Datasheet
472Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74AHCT139NE4 TI-SN74AHCT139NE4 Datasheet
472Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74AHCT139NSR TI-SN74AHCT139NSR Datasheet
472Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74AHCT139NSRE4 TI-SN74AHCT139NSRE4 Datasheet
472Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74AHCT139NSRG4 TI-SN74AHCT139NSRG4 Datasheet
472Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74AHCT139N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54155 TI1-SN54155_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LS139A TI1-SN54LS139A_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com