Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULE20A Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # ULE20A
Description  Isolated, High Density, Eighth-Brick
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ULE20A Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button ULE20A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Note: Resistor values are in k
Ω. Adjustment accuracy is subject to resistor
tolerances and factory-adjusted output accuracy. VO = desired output voltage.
Remote Sense Note: The Sense and VOUT lines are internally connected
through low value resistors. Nevertheless, if the sense function is not used for
remote regulation the user should connect the +Sense to +VOUT and –Sense to
–VOUT at the DC/DC converter pins.
ULE series converters have a sense feature to provide point of use regula-
tion, thereby overcoming moderate IR drops in pcb conductors or cabling.
The remote sense lines carry very little current and therefore require minimal
cross-sectional-area conductors. The sense lines are used by the feedback
control-loop to regulate the output. As such, they are not low impedance points
and must be treated with care in layouts and cabling. Sense lines on a pcb
should be run adjacent to dc signals, preferably ground. In cables and discrete
wiring applications, twisted pair or other techniques should be implemented.
ULE series converters will compensate for drops between the output voltage
at the DC/DC and the sense voltage at the DC/DC provided that:
[VOUT(+) –VOUT(–)] –[Sense(+) –Sense (–)]
≤ 5% VOUT
Output overvoltage protection is monitored at the output voltage pin, not
the Sense pin. Therefore, excessive voltage differences between VOUT and
Sense in conjunction with trim adjustment of the output voltage can cause the
overvoltage protection circuitry to activate (see Performance Specifications
for overvoltage limits). Power derating is based on maximum output current
and voltage at the converter’s output pins. Use of trim and sense functions can
cause output voltages to increase thereby increasing output power beyond the
ULE’s specified rating or cause output voltages to climb into the output over-
voltage region. Also, the use of Trim Up and Sense combined may not exceed
+10% of VOUT. Therefore, the designer must ensure:
(VOUT at pins) x (IOUT)
≤ rated output power
UP
VO – 3.3
RT (kΩ) =
10.2
13.3(VO – 1.226)
3.3 – VO
RT
(kΩ) =
10.2
16.31
DOWN
3.3 Volt Output
UP
VO – 5
RT (kΩ) =
10.2
20.4(VO – 1.226)
5 – VO
RT
(kΩ) =
10.2
25.01
DOWN
5 Volt Output
UP
VO – 12
RT (kΩ) =
10.2
49.6(VO – 1.226)
UP
VO – 24
RT (kΩ) =
10.2
101(VO – 1.226)
12 – VO
RT
(kΩ) =
10.2
60.45
DOWN
24 – VO
RT
(kΩ) =
10.2
124.2
DOWN
12 Volt Output
24 Volt Output
Trim Equations
Trim Up
Trim Down
Figure 9. Remote Sense Circuit Configuration
LOAD
+OUTPUT
–INPUT
Sense Current
Contact and PCB resistance
losses due to IR drops
Contact and PCB resistance
losses due to IR drops
Sense Return
+INPUT
ON/OFF
CONTROL
TRIM
+SENSE
–OUTPUT
–SENSE
IOUT Return
IOUT
ULE Series
Isolated, High Density
, Eighth-Brick
1.25–30 Amp, DC/DC Converters
MDC_ULE Series.C11 Page 11 of 23
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Be cautious when there is high
atmospheric humidity. We strongly recommend a mild pre-bake (100 ºC. for 30
minutes). Your production environment may differ therefore please thoroughly review
these guidelines with your process engineers.
Reflow Solder Operations for surface-mount products (SMT)
For Sn/Ag/Cu based solders:
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
45 to 75 seconds
Maximum Peak Temperature
260 ºC.
Cooling Rate
Less than 3 ºC. per second
For Sn/Pb based solders:
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
60 to 75 seconds
Maximum Peak Temperature
235 ºC.
Cooling Rate
Less than 3 ºC. per second
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
Maximum Preheat Temperature
115° C.
Maximum Pot Temperature
270° C.
Maximum Solder Dwell Time
7 seconds
For Sn/Pb based solders:
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
6 seconds


Similar Part No. - ULE20A

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ULE-53-1.1-D48N-C2 MURATA-PS-ULE-53-1.1-D48N-C2 Datasheet
1Mb / 12P
   Isolated, High Density, Eighth-Brick 53 Vout, 1.13 Amp DC-DC Converter
2023
ULE-53/1.1-D48N-C2 MURATA-PS-ULE-53/1.1-D48N-C2 Datasheet
1Mb / 12P
   Isolated, High Density, Eighth-Brick 53 Vout, 1.13 Amp DC-DC Converter
2023
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
Unisonic Technologies
ULE4275G-TQ5-R UTC-ULE4275G-TQ5-R Datasheet
190Kb / 6P
   LINEAR INTEGRATED CIRCUIT
ULE4275G-TQ5-T UTC-ULE4275G-TQ5-T Datasheet
190Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - ULE20A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
UEE150W MURATA-PS-UEE150W Datasheet
1Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
logo
Murata Manufacturing Co...
UEE MURATA-UEE Datasheet
1Mb / 29P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
logo
Astrodyne Corporation
ASD75EB ASTRODYNE-ASD75EB Datasheet
778Kb / 8P
   75 Watt, High Density, Eighth Brick DC/DC Converter
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
logo
SynQor Worldwide Headqu...
BQ35211EEC60 SYNQOR-BQ35211EEC60 Datasheet
2Mb / 11P
   Extended Eighth-brick package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com