Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULE20A Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # ULE20A
Description  Isolated, High Density, Eighth-Brick
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ULE20A Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  ULE20A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ULE20A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
ULE Series
Isolated, High Density
, Eighth-Brick
1.25–30 Amp, DC/DC Converters
MDC_ULE Series.C11 Page 3 of 23
See notes on page 5.
INPUT CHARACTERISTICS
Model Family
Start-up
threshold
Min.
(V)
Under
Voltage
Shut-
down
(V)
Reflected
(back)
Ripple
Current
(mA)
Load Current
Inter-
nal
Input
Filter
Type
Reverse
Polarity
Protec-
tion
Remote On/Off Control
Start-up Time
Full
Load
Condi-
tions
Inrush
Transient
Conditions
(A2sec)
Output
Short
Circuit
No Load
(mA)
Low
Line
(A)
Standby
Mode
(mA)
Cur-
rent
(mA)
Positive
Logic
“P” model
suffix
Negative
Logic
“N” model
suffix
VIN to VOUT
regulated
(Max.)
mSec
Remote On/Off
to VOUT regu-
lated (Max.)
mSec
ULE-1.2/30-D48
34.0
33.0
15−45,
model
dependent
See
Ordering
Guide
0.5−1
40−250
model
depen-
dent
40−160
model
depen-
dent
1.20
1−8
model
depen-
dent
L-C
See
Notes
1.0
OFF=Ground pin
to +0.8V max.
ON=open or
3.5V to +13.5V
max.
OFF=open or
+3.5V to
+13.5V max.
ON=Ground pin
to +0.8V max.
6-90, model
dependent
6-90, model
dependent
ULE-1.5/20-D24
17.0
16.0
1.96
ULE-1.5/20-D48
34.0
33.0
0.98
ULE-1.8/20-D24
17.0
16.0
2.33
ULE-1.8/20-D48
33.0
31.0
1.16
ULE-2.5/20-D24
17.0
16.0
3.23
ULE-2.5/20-D48
33.0
32.0
1.55
ULE-3.3/20-D12
8.5
8.0
7.42
ULE-3.3/20-D24
17.0
16.0
4.10
ULE-3.3/20-D48
34.5
33.5
2.05
ULE-5/10-D12
8.5
8.0
6.14
ULE-5/12-D24
19.0
17.5
3.30
ULE-5/12-D48
34.5
33.5
1.82
ULE-12/4.2-D24
17.0
16.0
3.04
ULE-12/4.2-D48
35.0
34.0
1.51
ULE-24/3-D48
35.0
33.0
2.17
150
150
ULE-48/1.25-D48
35.0
33.5
1.46
6-90
6-90
OUTPUT CHARACTERISTICS
Model Family
VOUT
(V)
VOUT
Accuracy
50% Load
% of VNOM
Capacitive Loading
Max.
Low ESR <0.02Ω Max.
resistive load
(μF)
Adjustment
Range
Temperature
Coefficient
Minimum
Loading
Remote Sense
Compensation
Ripple/Noise
(20 MHz
bandwidth)
Line/Load
Regulation
Efficiency
Current Limit
Inception
98% of VOUT
after warmup
(A)
ULE-1.2/30-D48
1.2
±1 to ±2
of VNOM,
model
dependent
10,000
−20 to +10%
of VNOM, model
dependent
±0.02% of
VOUT range/°C
No Minimum
Load
18
+10%
See Ordering Guide
34
ULE-1.5/20-D24
1.5
24
ULE-1.5/20-D48
1.5
24
ULE-1.8/20-D24
1.8
24
ULE-1.8/20-D48
1.8
25
ULE-2.5/20-D24
2.5
24
ULE-2.5/20-D48
2.5
24
ULE-3.3/20-D12
3.3
24
ULE-3.3/20-D24
3.3
24
ULE-3.3/20-D48
3.3
26
ULE-5/10-D12
5
13
ULE-5/12-D24
5
15
ULE-5/12-D48
5
16
ULE-12/4.2-D24
12
2000
none
6
ULE-12/4.2-D48
12
6.25
ULE-24/3-D48
24
680
300 mA
10%
4.25
ULE-48/1.25-D48
48
470
No Minimum
none
2.5


Similar Part No. - ULE20A

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ULE-53-1.1-D48N-C2 MURATA-PS-ULE-53-1.1-D48N-C2 Datasheet
1Mb / 12P
   Isolated, High Density, Eighth-Brick 53 Vout, 1.13 Amp DC-DC Converter
2023
ULE-53/1.1-D48N-C2 MURATA-PS-ULE-53/1.1-D48N-C2 Datasheet
1Mb / 12P
   Isolated, High Density, Eighth-Brick 53 Vout, 1.13 Amp DC-DC Converter
2023
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
Unisonic Technologies
ULE4275G-TQ5-R UTC-ULE4275G-TQ5-R Datasheet
190Kb / 6P
   LINEAR INTEGRATED CIRCUIT
ULE4275G-TQ5-T UTC-ULE4275G-TQ5-T Datasheet
190Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - ULE20A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
UEE150W MURATA-PS-UEE150W Datasheet
1Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
logo
Murata Manufacturing Co...
UEE MURATA-UEE Datasheet
1Mb / 29P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
logo
Astrodyne Corporation
ASD75EB ASTRODYNE-ASD75EB Datasheet
778Kb / 8P
   75 Watt, High Density, Eighth Brick DC/DC Converter
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
logo
SynQor Worldwide Headqu...
BQ35211EEC60 SYNQOR-BQ35211EEC60 Datasheet
2Mb / 11P
   Extended Eighth-brick package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com