Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC100-26 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # SLC100-26
Description  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-26 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  SLC100-26 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-26 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
INPUT
Voltage Range
ISOLATION
Input/Output Isolation Voltage
Capacitance
Resistance
FEATURES
Turn On Time
Remote Sense Compensation
Output Voltage Trim Range
Output Over Voltage Protection
Over Temperature Shutdown
Shutdown
Turn On
Input Under Voltage Protection
Turn Off
Turn Off
Lockout Hysteresis Voltge
ON/OFF Logic Function
Logic Low Ion/off
Logic Low Von/off
Logic High Ion/off
Logic High Von/off
GENERAL
Switching Frequency
MTTF (per Telcordia TR-NWT-000332)
ABSOLUTE MAXIMUM RATINGS, ALL MODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDC
VDC
pF
M
W
mS
% of VNOM
% of VNOM
% of VNOM
°C
°C
VDC
VDC
mA
VDC
μA
VDC
KHz
Hrs
36
48
75
2000
2000
10
TBD
TBD
5.00
5
-10
+10
TBD
Open
Collector
0.8
TBD
TBD
200
31.50
32.50
32.50
33.70
+120
+140
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMMON ELECTRICAL SPECIFICATIONS, ALL MODELS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at
nominal input voltage unless otherwise specified.
Input Voltage-Operating
Input Voltage-Operating
Operating Ambient Temperature
Storage Temperature
Output Short Circuit Duration
Lead Temperature (Soldering, 10 sec max)
Continuous
75
VDC
Continuous
Transient (100 mS)
TBD
VDC
-40
+100
°C
°C
-40
+125
+300
°C
TBD
Input to Output
Input to Output
Output to within 1% of Vnom
0
2.2
VDC


Similar Part No. - SLC100-26

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100-26 CANDD-SLC100-26 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC100-26

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com